Electronic Components Datasheet Search
  English  ▼

X  

CLV0477A Datasheet(PDF) 1 Page - Z-Communications, Inc

Part # CLV0477A
Description  Voltage-Controlled Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZCOMM [Z-Communications, Inc]
Direct Link  http://www.zcomm.com
Logo ZCOMM - Z-Communications, Inc

CLV0477A Datasheet(HTML) 1 Page - Z-Communications, Inc

  CLV0477A Datasheet HTML 1Page - Z-Communications, Inc CLV0477A Datasheet HTML 2Page - Z-Communications, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LFSuffix = RoHS Compliant. All specifications are subject to change without notice.
© Z-Communications, Inc. All Rights Reserved.
Page 1 of 2
FRM-S-002 B
PHASE NOISE (1 Hz BW, typical)
OFFSET (Hz)
Performance Specifications
Typ
Units
Min
Max
20
-116
-20
1
1
50
50
Oscillation Frequency Range
Phase Noise @ 10 kHz offset (1 Hz BW)
Harmonic Suppression (2nd)
Tuning Voltage
Tuning Sensitivity (avg.)
Power Output
Load Impedance
Input Capacitance
Pushing
Pulling (
dB Return Loss, Any Phase)
Operating Temperature Range
MHz
dBc/Hz
dBc
Vdc
MHz/V
dBm
pF
MHz/V
MHz
°C
444
509
12
0.3
4.4
Package Style
-6
-2
70
-40
-4
-17
Power Supply Requirements
Typ
Units
Min
Max
5
40
Vdc
mA
Supply Voltage (Vcc, nom.)
Supply Current (Icc)
48
Wireless Radios
Base-stations
•
•
•
Applications
Voltage-Controlled Oscillator
Surface Mount Module
CLV0477A-LF
C3
Rev
Additional Notes
Application Notes
• AN-101: Mounting and Grounding
• AN-102: Output Loading
• AN-107: Manual Soldering
14118 Stowe Drive, Suite B
Poway, CA 92064
TEL: (858) 621-2700 | FAX: (858) 486-1927
URL: www.zcomm.com
EMAIL: applications@zcomm.com
MINI-16-SM


Similar Part No. - CLV0477A

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
CLV0477A-LF ZCOMM-CLV0477A-LF Datasheet
89Kb / 2P
Voltage-Controlled Oscillator Surface Mount Module
CLV0477A-LF ZCOMM-CLV0477A-LF_10 Datasheet
93Kb / 2P
Voltage-Controlled Oscillator Surface Mount Module
More results

Similar Description - CLV0477A

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
CLV0436A-LF ZCOMM-CLV0436A-LF Datasheet
71Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0698A-LF ZCOMM-CLV0698A-LF Datasheet
68Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0787E-LF ZCOMM-CLV0787E-LF Datasheet
46Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0815E-LF ZCOMM-CLV0815E-LF Datasheet
63Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0945A-LF ZCOMM-CLV0945A-LF Datasheet
67Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV1052M-LF ZCOMM-CLV1052M-LF Datasheet
63Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
logo
Z-Communications, Inc
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com