Electronic Components Datasheet Search
  English  ▼

X  

SF86 Datasheet(PDF) 2 Page - Bytes

Part # SF86
Description  8.0 AMP SUPER FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYTES [Bytes]
Direct Link  
Logo BYTES - Bytes

SF86 Datasheet(HTML) 2 Page - Bytes

  SF86 Datasheet HTML 1Page - Bytes SF86 Datasheet HTML 2Page - Bytes  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
0.1
1.0
1.0
.01
10
10
50
100
1000
RATING AND CHARACTERISTIC CURVES (SF81 THRU SF88)
FIG.3-TYPICAL FORWARD
FIG.4-TYPICAL REVERSE
FIG.1- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
CHARACTERISTICS
CHARACTERISTICS
FIG.2-TYPICAL FORWARD CURRENT
FIG.5-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG.6-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
2
4
6
8
10
12
175
150
125
100
75
50
25
0
(+)
(+)
25Vdc
(approx.)
( )
( )
10
NONINDUCTIVE
50
NONINDUCTIVE
Ω
Ω
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
Ω
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
.01
.05
.1
.5
1
5
10
50
100
D.U.T.
.4
.6
.8
1.0 1.2
1.4 1.6 1.8
3.0
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
DERATING CURVE
Tc=100 C
Tc=25 C
Tj=25 C
25
0
50
75
100
125
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
0
0
25
50
75
100
125
150
175
CASE TEMPERATURE,( C)
0
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
20
40
60
80 100 120 140



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com