Electronic Components Datasheet Search
  English  ▼

X  

LTPL-M02 Datasheet(PDF) 10 Page - Lite-On Technology Corporation

Part # LTPL-M02
Description  LED HIGH POWER CoB Product Series
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-M02 Datasheet(HTML) 10 Page - Lite-On Technology Corporation

Back Button LTPL-M02 Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 9Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 10Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 11Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 12Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 13Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 14Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
010
LED HIGH POWER
CoB Product Series
BNC-OD-C131/A4
Created Date : 02/06/2013
Revison : 1.0, 02/06/2013
20W Series Product
Current
(mA)
VF
(V)
Lumen (lm)
2700K
3000K
3500K
4000K
5000K
350
36.52
1410
1484
1506
1573
1618
400
36.66
1596
1680
1705
1781
1831
450
37.07
1776
1870
1898
1982
2038
500
37.41
1943
2045
2076
2168
2229
550
37.80
2121
2232
2265
2366
2433
600
38.18
2296
2417
2453
2562
2635
650
38.55
2453
2582
2621
2737
2814
700
38.81
2605
2742
2783
2906
2989
750
39.19
2783
2929
2973
3105
3193
30W Series Product
Current
(mA)
VF
(V)
Lumen (lm)
2700K
3000K
3500K
4000K
5000K
490
36.52
2016
2122
2154
2249
2313
560
36.66
2282
2403
2439
2547
2619
630
37.07
2540
2674
2714
2834
2915
700
37.41
2778
2925
2969
3100
3188
770
37.8
3033
3193
3241
3384
3480
840
38.18
3283
3456
3508
3663
3767
910
38.55
3508
3692
3747
3914
4024
980
38.81
3725
3921
3980
4157
4274
1050
39.19
3980
4189
4252
4441
4566



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com