Electronic Components Datasheet Search
  English  ▼

X  

SA17 Datasheet(PDF) 1 Page - Bytes

Part # SA17
Description  500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYTES [Bytes]
Direct Link  
Logo BYTES - Bytes

SA17 Datasheet(HTML) 1 Page - Bytes

  SA17 Datasheet HTML 1Page - Bytes SA17 Datasheet HTML 2Page - Bytes SA17 Datasheet HTML 3Page - Bytes SA17 Datasheet HTML 4Page - Bytes  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
RATINGS
SYMBOL
VALUE
UNITS
Peak Power Dissipation at T =25 C, T =1ms(NOTE 1)
P
Minimum 500
Watts
A
P
PK
Steady State Power Dissipation at T =75 C
L
Lead Length .375"(9.5mm) (NOTE 2)
FEATURES
MECHANICAL DATA
Peak Forward Surge Current at 8.3ms Single Half Sine-Wave
superimposed on rated load (JEDEC method) (NOTE 3)
Operating and Storage Temperature Range
T , T
-55 to +175
C
J
STG
* 500 Watts Surge Capability at 1ms
1.0ps from 0 volt to BV min.
* High temperature soldering guaranteed:
length, 5lbs.(2.3kg) tension
260 C / 10 seconds / .375"(9.5mm) lead
* Typical I less than 1 A above 10V
R
µ
* Fast response time: Typically less than
* Low zener impedance
* Excellent clamping capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
Weight: 0.40 grams
*
VOLTAGE RANGE
5.0 to 180 Volts
500 Watts Peak Power
3.0 Watts Steady State
P
3.0
Watts
D
I
70
Amps
FSM
NOTES:
1. Non-repetitive current pulse per Fig. 3 and derated above T =25 C per Fig. 2.
2. Mounted on Copper Pad area of 1.6" X 1.6" (40mm X 40mm) per Fig.5.
3. 8.3ms single half sine-wave, duty cycle = 4 pulses per minute maximum.
A
DEVICES FOR BIPOLAR APPLICATIONS
1. For Bidirectional use C or CA Suffix for types SA5.0 thru SA180.
2. Electrical characteristics apply in both directions.
Dimensions in inches and (millimeters)
DO-15
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.300(7.6)
.230(5.8)
.034(.9)
.028(.7)
DIA.
.140(3.6)
.104(2.6)
DIA.
SA5.0
SA180CA
THRU


Similar Part No. - SA17

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA17 PANJIT-SA17 Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Won-Top Electronics
SA17 WTE-SA17 Datasheet
68Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Dc Components
SA17 DCCOM-SA17 Datasheet
792Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SA17 EIC-SA17 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SA17 MCC-SA17 Datasheet
431Kb / 6P
500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
More results

Similar Description - SA17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SA5-0A ONSEMI-SA5-0A Datasheet
50Kb / 8P
500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
June, 2002 ??Rev. 7
SA50A ONSEMI-SA50A Datasheet
58Kb / 6P
500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
May, 2006 ??Rev. 11
logo
UNIOHM CORPORATION
SA5.0 UNIOHM-SA5.0 Datasheet
91Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
SA5.0A ONSEMI-SA5.0A Datasheet
117Kb / 5P
500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
SA16ARLG ONSEMI-SA16ARLG Datasheet
122Kb / 5P
500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
SA16ARLG ONSEMI-SA16ARLG Datasheet
117Kb / 5P
500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
SA50ARLG ONSEMI-SA50ARLG Datasheet
117Kb / 5P
500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
logo
Goodwork Semiconductor ...
SA GWSEMI-SA Datasheet
184Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
SA5.0CA ONSEMI-SA5.0CA Datasheet
186Kb / 5P
500 Watt Peak Power Zener Transient Voltage Suppressors
August, 2006 ??Rev. 4
logo
Littelfuse
NS6A5.0AFT3G LITTELFUSE-NS6A5.0AFT3G Datasheet
229Kb / 5P
500 Watt Peak Power Zener Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com