Electronic Components Datasheet Search
  English  ▼

X  

HTS8A80AS Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HTS8A80AS
Description  3 Quadrants 8A TRIAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HTS8A80AS Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HTS8A80AS Datasheet HTML 1Page - SemiHow Co.,Ltd. HTS8A80AS Datasheet HTML 2Page - SemiHow Co.,Ltd. HTS8A80AS Datasheet HTML 3Page - SemiHow Co.,Ltd. HTS8A80AS Datasheet HTML 4Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HTS8A80AS
3 Quadrants 8A TRIAC
V
DRM = 1000 V
I
T(RMS) = 8 A
I
TSM = 84 A
I
GT = 10 mA
Absolute Maximum Ratings
(T
J=25
unless otherwise specified )
Symbol
Parameter
Conditions
Ratings
Unit
V
DRM
Repetitive Peak Off-State Voltage
Sine wave, 50/60Hz,
Gate open
1000
V
V
RRM
Repetitive Peak Reverse Voltage
1000
V
V
DSM
Non-Repetitive Surge Peak Off-State Voltage
1100
V
V
RSM
Non-Repetitive Peak Reverse Voltage
1100
V
I
T(RMS)
R.M.S. On-State Current
½ cycle, T
C = 90
oC8
A
I
TSM
Non-Repetitive Surge Peak On-State Current
½ cycle, 50Hz/60Hz
80/84
A
I2t
Fusing Current
t = 10ms
32
A2S
P
GM
Forward Peak Gate Power
Dissipation
T
J = 125
C
10.7
W
P
G(AV)
Forward Average Gate Power
Dissipation
T
J = 125
C
0.1
W
I
GM
Peak Gate Current
tp=20us, T
J = 125
C
1A
T
J
Operating Junction Temperature
-40~+125
oC
T
STG
Storage Temperature
-40~+150
oC
T2
T1
G
TO-220F
FEATURES
Repetitive Peak Off-State Voltage : 1000V
R.M.S On–State Current (I
T(RMS) = 8A)
Gate Trigger Current : 10mA
dV/dt
600V/us
General Description
The HTS8A80AS suitable for general purpose AC switching. It can
be used as an ON/OFF function in applications such as static
relays, heating regulation, induction motor starting ciruits or for
phase control operation in light dimmers, motor speed controllers.
The snubberless versions are specially recommended for use on
inductive loads, thanks to their high commutation performances.
Symbol


Similar Part No. - HTS8A80AS

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HTS8A80H SEMIHOW-HTS8A80H Datasheet
388Kb / 5P
3 Quadrants Standard TRIAC
More results

Similar Description - HTS8A80AS

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HTC4A60H SEMIHOW-HTC4A60H Datasheet
540Kb / 6P
3 Quadrants Standard TRIAC
HTP6A60H SEMIHOW-HTP6A60H Datasheet
390Kb / 6P
3 Quadrants Standard TRIAC
HTP8A60H SEMIHOW-HTP8A60H Datasheet
400Kb / 6P
3 Quadrants Standard TRIAC
HTP12A80H SEMIHOW-HTP12A80H Datasheet
407Kb / 6P
3 Quadrants Standard TRIAC
HTP16A80H SEMIHOW-HTP16A80H Datasheet
409Kb / 6P
3 Quadrants Standard TRIAC
HTS6A60H SEMIHOW-HTS6A60H Datasheet
377Kb / 5P
3 Quadrants Standard TRIAC
HTS8A80H SEMIHOW-HTS8A80H Datasheet
388Kb / 5P
3 Quadrants Standard TRIAC
HTS10A80AS SEMIHOW-HTS10A80AS Datasheet
106Kb / 4P
3 Quadrants 10A TRIAC
HTS12A80H SEMIHOW-HTS12A80H Datasheet
394Kb / 5P
3 Quadrants Standard TRIAC
HTS16A80H SEMIHOW-HTS16A80H Datasheet
396Kb / 5P
3 Quadrants Standard TRIAC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com