Electronic Components Datasheet Search
  English  ▼

X  

KSC13003H Datasheet(PDF) 2 Page - SemiHow Co.,Ltd.

Part # KSC13003H
Description  Switch Mode series NPN silicon Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

KSC13003H Datasheet(HTML) 2 Page - SemiHow Co.,Ltd.

  KSC13003H Datasheet HTML 1Page - SemiHow Co.,Ltd. KSC13003H Datasheet HTML 2Page - SemiHow Co.,Ltd. KSC13003H Datasheet HTML 3Page - SemiHow Co.,Ltd. KSC13003H Datasheet HTML 4Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
◎ SEMIHOW REV.A1,Oct 2007
Switch Mode series NPN silicon Power Transistor
- High voltage, high speed power switching
- Suitable for switching regulator, inverters motor controls
KSC13003H
CHARACTERISTICS
SYMBOL
RATING
UNIT
Collector-Base Voltage
Collector-Emitter Voltage
Emitter-Base Voltage
Collector Current(DC)
Collector Current(Pulse)
Base Current
Collector Dissipation(Tc=25℃)
Junction Temperature
Storage Temperature
V
CBO
V
CEO
V
EBO
I
C
I
CP
I
B
P
C
T
J
T
STG
900
530
9
1.5
3
0.75
20
150
-65~150
V
V
V
A
A
A
W
℃
℃
1.5 Amperes
NPN Silicon Power Transistor
20 Watts
Absolute Maximum Ratings TC=25℃ unless otherwise noted
CHARACTERISTICS
SYMBOL
Test Condition
Min
Typ.
Max
Unit
Collector-Emitter Breakdown Voltage
V
CEO
I
C=5mA, IB=0
400
V
Emitter Cut-off Current
I
EBO
V
EB=9V,IC=0
10
㎂
*DC Current Gain
h
FE1
h
FE2
V
CE=2V,IC=0.5A
V
CE=2V,IC=1A
9
5
40
*Collector-Emitter Saturation Voltage
V
CE(sat)
I
C=0.5A,IB=0.1A
I
C=1A,IB=0.25A
I
C=1.5A,IB=0.5A
0.5
1
3
V
V
V
*Base-Emitter Saturation Voltage
V
BE(sat)
I
C=0.5A,IB=0.1A
I
C=1A,IB=0.25A
1
1.2
V
V
Output Capacitance
C
ob
V
CB=10V, f=0.1MHz
21
㎊
Current Gain Bandwidth Product
f
T
V
CE=10V,IC=0.1A
4
㎒
Turn on Time
t
on
Vcc=125V, Ic=2A
I
B1=0.2A, IB2= -0.2A
R
L=125Ω
1.1
㎲
Storage Time
t
stg
4.0
㎲
Fall Time
t
F
0.7
㎲
Electrical Characteristics TC=25℃ unless otherwise noted
* Pulse Test: Pulse Width
≤300μs, Duty Cycle≤2%
TO-126
1. Base
2. Collector
3. Emitter
1
2
3
hFE1
Classification
R
20 ~ 30
O
25 ~ 35
Y
30 ~ 40
Note.
S YWW Z
KSC13003H
S
SemiHow symbol
YWW
Y; year code, WW; week code
Z
hFE1 Classification
Package Mark information.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com