Electronic Components Datasheet Search
  English  ▼

X  

MM9XMS Datasheet(PDF) 1 Page - API Technologies Corp

Part # MM9XMS
Description  Double Balanced Mixer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

MM9XMS Datasheet(HTML) 1 Page - API Technologies Corp

  MM9XMS Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
626
MICROWAVE
A Spectrum Control Business
ECTRU
SPECTRUM MICROWAVE • 2144 Franklin Drive N.E. • Palm Bay, Florida 32905 • Phone: (888) 553-7531 • Fax: (888) 553-7532
SPECTRUM CONTROL GmbH • Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
www.specwave.com
Double Balanced Mixer
Multi-Octave Band
LO(GHz)
2.0-18.0
2.0-18.0
1.5-19.0
1.5-4.0
4.0-19.0
1.5-19.0
1.5-19.0
1.5-19.0
1.5-19.0
RF(GHz)
2.0-18.0
2.0-18.0
1.5-19.0
1.5-19.0
1.5-19.0
1.5-19.0
1.5-19.0
IF(MHz)
2.0-5.0
0.5-6.5
0.5-6.5
0.5-6.5
0.5-6.5
0.5-.6.5
0.5-6.5
Min
17 dB
20 dB
20 dB
Typical
6.8 dB
7.8 dB
8.0 dB
23 dB
31 dB
25 dB
27 dB
20 dB
+5 dBm
+8 dBm
+12 dBm
+15 dBm
+14 dBm
+17 dBm
+21 dBm
+24 dBm
+10 dBm
+13 dBm
+17 dBm
+21 dBm
Max
9.0 dB
11.0 dB
11.5 dB
Conditions
Specifications
Electrical Specifications
(1):
Parameter
SSB Conversion
loss:
(2) (3)
Isolation
LO to RF:
LO to IF:
RF to IF:
IF to RF:
Input 1-dB
Compression Point:
Input Third Order
Intercept Point:
LO Power:
(4)
Model MM9xMS
Model MM9xMS-14
RF 1.5 to 19.0 GHz
Notes:
1. Specifications are guaranteed when tested as a downconverter in a 50 Ohm system at +25˚C with the
nominal LO power. Specifications indicated as typical are not guaranteed.
2. Noise figure is typically within ±0.5 dB of conversion loss for IF frequencies greater than 10 MHz.
3. Conversion loss typically degrades less than 0.5 dB at +100˚C and improves less than 0.5 dB at -55˚C.
4. Usable LO drives are up to 2 dB below and 3 dB above nominal.
Typical
Performance
at 25˚C
MM9xMS
MM9xMS-14
LO Power
4 = +10 dBm
6 = +13 dBm
7 = +17 dBm
8 = +21 dBm
All dimensions are in inches and [mm].
Outline: MS3C
Outline: MS3D


Similar Part No. - MM9XMS

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
MM9XMS SPECTRUM-MM9XMS Datasheet
625Kb / 1P
Double Balanced Mixer
MM9XMS-1 SPECTRUM-MM9XMS-1 Datasheet
228Kb / 1P
Double Balanced Mixer
logo
API Technologies Corp
MM9XMS-1 APITECH-MM9XMS-1 Datasheet
232Kb / 1P
Double Balanced Mixer
logo
Spectrum Microwave, Inc...
MM9XMS-13 SPECTRUM-MM9XMS-13 Datasheet
223Kb / 1P
Double Balanced Mixer
MM9XMS-14 SPECTRUM-MM9XMS-14 Datasheet
625Kb / 1P
Double Balanced Mixer
More results

Similar Description - MM9XMS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
M2B MACOM-M2B Datasheet
331Kb / 3P
Double-Balanced Mixer
M6D-50 MACOM-M6D-50_1 Datasheet
222Kb / 3P
Double-Balanced Mixer
M6R MACOM-M6R Datasheet
187Kb / 3P
Double-Balanced Mixer
M9BC MACOM-M9BC Datasheet
167Kb / 2P
Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M2E MA-COM-M2E Datasheet
127Kb / 3P
Double-Balanced Mixer
M1G MA-COM-M1G Datasheet
97Kb / 3P
Double-Balanced Mixer
M6D-50 MA-COM-M6D-50 Datasheet
658Kb / 3P
Double-Balanced Mixer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com