Electronic Components Datasheet Search
  English  ▼

X  

SA15A Datasheet(PDF) 2 Page - Bytes

Part # SA15A
Description  500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYTES [Bytes]
Direct Link  
Logo BYTES - Bytes

SA15A Datasheet(HTML) 2 Page - Bytes

  SA15A Datasheet HTML 1Page - Bytes SA15A Datasheet HTML 2Page - Bytes SA15A Datasheet HTML 3Page - Bytes SA15A Datasheet HTML 4Page - Bytes  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERISTIC CURVES (SA5.0 THRU SA180CA)
FIG.1-PEAK PULSE POWER DERATING CURVE
0.1 s
1.0 s
10 s
100 s
1.0ms
10ms
µ
µ
µ
µ
0.1
1.0
10
100
td, PULSE WIDTH, sec.
Non-Repetitive
Pulse Waveform
Shown in Fig. 3
T =25 C
A
FIG.2-PULSE DERATING CURVE
T , AMBIENT TEMPERATURE ( C)
A
0
25
50
75
100
125
150
175
0
25
50
75
100
FIG.3-PULSE WAVE FORM
FIG.4-TYPICAL JUNCTION CAPACITANCE
0
1.0
2.0
3.0
4.0
t, TIME, ms
0
50
100
150
td
e-kt
tf=10 s
Peak Value
I
µ
PPM
Half Value-IPPM
2
10/1000 sec Waveform
as Defined by R.E.A.
µ
T =25 C
Pulse Width (td) is defined
as the point where the Peak
Current Deacys to 50% of Ipp
A
1.0
2.0
5.0
10
20
50
100
200
V(BR), BREAKDOWN VOLTAGE, VOLTS
10
20
50
100
200
500
1,000
2,000
5,000
10,000
Measured at
Stand-Off
Voltage(V
)
MW
Measued at
Zero Bias
T =25 C
f=1.0MHz
Vsig=50mVp-p
J
FIG.6-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT, UNIDIRECTIONAL
1
5
10
20
50
100
NUMBER OF CYCLES AT 60Hz
10
20
40
60
80
100
T =T max
8.3ms Single Half Sine-wave
JEDEC Method
J
J
T , LEAD TEMPERATURE ( C)
L
0
25
50
75
100
125
150
175
200
0
0.25
0.50
0.75
1.00
FIG.5-STEADY STATE POWER DERATING CURVE
L=.375"(9.5mm)
40mm x 40mm x 1mm
Copper Heat Sink
(1.6" x 1.6" x .040")



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com