Electronic Components Datasheet Search
  English  ▼

X  

CSPRC030 Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # CSPRC030
Description  CHIP SCALE PACKAGE(CSP) EMI FILTER NETWORK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CSPRC030 Datasheet(HTML) 2 Page - California Micro Devices Corp

  CSPRC030 Datasheet HTML 1Page - California Micro Devices Corp CSPRC030 Datasheet HTML 2Page - California Micro Devices Corp CSPRC030 Datasheet HTML 3Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
©2000 California Micro Devices Corp. All rights reserved.
9/20/2000
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
2
CSPRC030
CALIFORNIA MICRO DEVICES
1
A
B
234
5
0.5
mm
0.5mm
0.985mm
0.381mm
0.643mm
0.2425
mm
0.35mm Dia.
Bumps
0.2425
mm
2.485mm
Figure 2. CSPRC030 Package Diagram
S
N
O
I
T
A
D
N
E
M
M
O
C
E
R
D
R
A
O
B
T
I
U
C
R
I
C
D
E
T
N
I
R
P
B
C
P
n
o
e
z
i
S
d
a
Pm
m
0
0
3
.
0
e
p
a
h
S
d
a
Pd
n
u
o
R
n
o
i
t
i
n
i
f
e
D
d
a
P
)
D
M
S
N
(
s
d
a
P
d
e
n
i
v
e
D
k
s
a
M
r
e
d
l
o
S
n
o
N
g
n
i
n
e
p
O
k
s
a
M
r
e
d
l
o
Sm
m
0
5
3
.
0
s
s
e
n
k
c
i
h
T
l
i
c
n
e
t
S
r
e
d
l
o
Sm
m
2
5
1
.
0
g
n
i
n
e
p
O
e
r
u
t
r
e
p
A
l
i
c
n
e
t
S
r
e
d
l
o
S)
.
q
s
(
m
m
0
6
3
.
0
o
i
t
a
R
x
u
l
F
r
e
d
l
o
S0
5
/
0
5
e
t
s
a
P
r
e
d
l
o
S
n
a
e
l
C
o
N
h
s
i
n
i
F
e
c
a
r
T
d
n
o
B
)
A
6
0
1
s
u
l
P
u
C
k
e
t
n
E
(
P
S
O
START
CH1
S12
1pg MAG
10 Db/ REF 0 dB
Cor
H1d
.300 000 MHz
2
STOP 3 000 . 000 000 MHz
1
3
4
1: –5.9131 dB
1.000 000 MHz
2: –8.9321 dB
118.5 MHz
3: –26.541 dB
1 GHz
4: –51.999 dB
3GHZ
CSPRC030 FILTER TYPICAL MEASURED FREQUENCY RESPONSE (S21) MEASUREMENT
The measurement is done with 50
Ω-source & 50Ω-load impedance using a HP 8753C Network Analyzer with a
HP85047A S-parameter Test Set.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com