Electronic Components Datasheet Search
  English  ▼

X  

GC5322 Datasheet(PDF) 2 Page - Texas Instruments

Part # GC5322
Description  Wideband Digital Pre-Distortion Transmit IC Solution
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GC5322 Datasheet(HTML) 2 Page - Texas Instruments

  GC5322 Datasheet HTML 1Page - Texas Instruments GC5322 Datasheet HTML 2Page - Texas Instruments GC5322 Datasheet HTML 3Page - Texas Instruments GC5322 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Crest factor reduction – Based on field-prov-
en technology, the GC5322’s CFR processing
block reduces the peak-to-average ratio (PAR)
for multi-channel/multi-carrier signals by
adding spectrally-shaped cancellation noise.
The CFR block has multiple stages, each having
configurable peak thresholds. This allows for
significant PAR reduction. Breakthrough power
efficiencies are achieved in the PA, while
maintaining spectral requirements and EVM
performance.
Digital pre-distortion – To limit possible
distortion in the transmit signal, the GC5322
includes an integrated DPD processing block.
The DPD block linearizes the PA, greatly
improving the adjacent channel leakage ratio
(ACLR). This allows PAs to meet stringent
spectral regulations and interference
requirements. Depending upon the PA, the
DPD block achieves ACLR improvements
of 20 to 30 dB or more.
The GC5322 interfaces directly to TI’s
TMS320C6727 DSP, which executes the
real-time adaptation algorithm. A real-time
feedback loop monitors the integrity of the
output signal to control the DPD’s operation.
The flexible algorithm supports multiple
PA architectures and emerging standards,
such as CDMA2000, WCDMA, TD-SCDMA,
OFDMA (WiMAX, LTE), HSPA and HSPA+.
Input
format
Gain
DUC
CFR
Fractional
resampler
DPD
ADC
interface
FB
TX
(LVDS)
MFIO
(ADC input/
test output)
BBCLK
DPDCLK
(LVDS)
Tramsmit
equalizer
MPU interface
SYNC
3
SYNC
OUT
UPDATA UPADDR
JTAG
RESETB SYNCD
(LVDS)
INT
BB
BBFR
4
OEB RDB WRB CEB
TDO
TCK
TRSTB
TDI
TMS
10
16
Feedback
equalizer
Real to complex
(or bypass)
Bulk
interpolation
+ mixer
Feedback NL
correction
DAC
interface
A detailed block diagram of the GC5322 showing the integration of three critical transmit functions:
DUC, CFR and DPD
GC5322
DUC-CFR-DPD
GC5322
DUC-CFR-DPD
C6727
DSP
Mixer
I/Q
I
Q
I
Q
I/Q
20 MHz RF card
20 MHz RF card
Mixer
HPA
HPA
DAC
DAC5682z
DAC5682z
ADS5527
ADS5527
ADC
DAC
ADC
I/Q
Modulator
TRF3703
I/Q
Modulator
TRF3703
SDRAM
(256 Mbit)
EMIF
SPI
EMIF
HPI
BB I/Q
Data
BB I/Q
Data
CPRI/
OBSAI
Host
processor
GC5322 in a dual-antenna configuration with up to 20 MHz of signal bandwidth



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com