Electronic Components Datasheet Search
  English  ▼

X  

80L188EC Datasheet(PDF) 5 Page - Intel Corporation

Part # 80L188EC
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80L188EC Datasheet(HTML) 5 Page - Intel Corporation

  80L188EC Datasheet HTML 1Page - Intel Corporation 80L188EC Datasheet HTML 2Page - Intel Corporation 80L188EC Datasheet HTML 3Page - Intel Corporation 80L188EC Datasheet HTML 4Page - Intel Corporation 80L188EC Datasheet HTML 5Page - Intel Corporation 80L188EC Datasheet HTML 6Page - Intel Corporation 80L188EC Datasheet HTML 7Page - Intel Corporation 80L188EC Datasheet HTML 8Page - Intel Corporation 80L188EC Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 57 page
background image
80C186EC188EC 80L186EC188EC
272434 – 2
NOTE
1 The LC network is only required when using a third overtone crystal
Figure 2 80C186EC Clock Connections
80C186EC PERIPHERAL
ARCHITECTURE
The 80C186EC integrates several common system
peripherals with a CPU core to create a compact yet
powerful system The integrated peripherals are de-
signed to be flexbile and provide logical interconnec-
tions between supporting units (eg
the DMA unit
can accept requests from the Serial Communica-
tions Unit)
The list of integrated peripherals includes
Two cascaded 8259A compatible Programma-
ble Interrupt Controllers
3-Channel TimerCounter Unit
2-Channel Serial Communications Unit
4-Channel DMA Unit
10-Output Chip-Select Unit
32-bit Watchdog Timer Unit
IO Port Unit
Refresh Control Unit
Power Management Unit
The registers associated with each integrated pe-
ripheral are contained within a 128 x 16-bit register
file called the Peripheral Control Block (PCB) The
base address of the PCB is programmable and can
be located on any 256 byte address boundary in ei-
ther memory or IO space
Figure 3 provides a list of the registers associated
with the PCB The Register Bit Summary individually
lists all of the registers and identifies each of their
programming attributes
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com