Electronic Components Datasheet Search
  English  ▼

X  

ICS9LPRS502 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ICS9LPRS502
Description  56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS9LPRS502 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ICS9LPRS502 Datasheet HTML 1Page - List of Unclassifed Manufacturers ICS9LPRS502 Datasheet HTML 2Page - List of Unclassifed Manufacturers ICS9LPRS502 Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS9LPRS502 Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS9LPRS502 Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS9LPRS502 Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS9LPRS502 Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS9LPRS502 Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS9LPRS502 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
ICS9LPRS502
IDTTM/ICSTM
56-pin CK505 w/Fully Integrated Voltage Regulator + Integrated Series Resistor
1125E—02/26/09
56-PIN CK505 W/FULLY INTEGRATED VOLTAGE
REGULATOR + INTEGRATED SERIES RESISTOR
1
Datasheet
Recommended Application:
Key Specifications:
CK505 compliant clock with fully integrated voltage
regulator and Internal series resistor on differential outputs,
PCIe Gen 1 compliant
•
CPU outputs cycle-cycle jitter < 85ps
•
SRC output cycle-cycle jitter < 125ps
•
PCI outputs cycle-cycle jitter < 250ps
•
+/- 100ppm frequency accuracy on CPU & SRC
clocks
Pin Configuration
Output Features:
•
2 - CPU differential low power push-pull pairs
•
7 - SRC differential low power push-pull pairs
•
1 - CPU/SRC selectable differential low power push-pull
pair
•
1 - SRC/DOT selectable differential low power push-pull
pair
•
5 - PCI, 33MHz
•
1 - PCI_F, 33MHz free running
•
1 - USB, 48MHz
•
1 - REF, 14.318MHz
Features/Benefits:
•
Does not require external pass transistor for voltage
regulator
•
Integrated series resistors on differential outputs,
Zo=50W
•
Supports spread spectrum modulation, default is 0.5%
down spread
•
Uses external 14.318MHz crystal, external crystal
load caps are required for frequency tuning
•
One differential push-pull pair selectable between
SRC and two single-ended outputs
Table 1: CPU Frequency Select Table
PCICLK0/CR#_A 1
56 SCLK
VDDPCI 2
55 SDATA
PCICLK1/CR#_B 3
54 FSLC/TEST_SEL/REF0
PCICLK2/LTE 4
53 VDDREF
PCICLK3 5
52 X1
PCICLK4/SRC5_EN 6
51 X2
PCI_F5/ITP_EN 7
50 GNDREF
GNDPCI 8
49 FSLB/TEST_MODE
VDD48 9
48 CK_PWRGD/PD#
USB_48MHz/FSLA 10
47 VDDCPU
GND48 11
46 CPUCLKT0
VDD96I/O 12
45 CPUCLKC0
DOTT_96/SRCCLKT0 13
44 GNDCPU
DOTC_96/SRCCLKC0 14
43 CPUCLKT1
GND 15
42 CPUCLKC1
VDD 16
41 VDDCPUI/O
SRCCLKT1/SE1 17
40 NC
SRCCLKC1/SE2 18
39 CPUCLKT2_ITP/SRCCLKT8
GND 19
38 CPUCLKC2_ITP/SRCCLKC8
VDDPLL3I/O 20
37 VDDSRCI/O
SRCCLKT2/SATACLKT 21
36 SRCCLKT7/CR#_F
SRCCLKC2/SATACLKC 22
35 SRCCLKC7/CR#_E
GNDSRC 23
34 GNDSRC
SRCCLKT3/CR#_C 24
33 SRCCLKT6
SRCCLKC3/CR#_D 25
32 SRCCLKC6
VDDSRCI/O 26
31 VDDSRC
SRCCLKT4 27
30 PCI_STOP#/SRCCLKT5
SRCCLKC4 28
29 CPU_STOP#/SRCCLKC5
56-SSOP/TSSOP
* Internal Pull-Up Resistor
** Internal Pull-Down Resistor
FSLC
2
B0b7
FSLB
1
B0b6
FSLA
1
B0b5
CPU
MHz
SRC
MHz
PCI
MHz
REF
MHz
USB
MHz
DOT
MHz
0
0
0
266.66
0
0
1
133.33
0
1
0
200.00
0
1
1
166.66
1
0
0
333.33
1
0
1
100.00
1
1
0
400.00
11
1
1. FS
LA and FSLB are low-threshold inputs.Please see VIL_FS and VIH_FS specifications in
the Input/Supply/Common Output Parameters Table for correct values.
Also refer to the Test Clarification Table.
2. FS
LC is a three-level input. Please see the VIL_FS and VIH_FS
specifications in the Input/Supply/Common Output Parameters Table for correct values.
Reserved
100.00
33.33
14.318
48.00
96.00


Similar Part No. - ICS9LPRS502

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9LPRS502 IDT-ICS9LPRS502 Datasheet
285Kb / 29P
56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
logo
Renesas Technology Corp
ICS9LPRS502 RENESAS-ICS9LPRS502 Datasheet
440Kb / 30P
56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
2019
More results

Similar Description - ICS9LPRS502

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9LPR502 IDT-ICS9LPR502 Datasheet
287Kb / 29P
56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
ICS9LPRS501 IDT-ICS9LPRS501 Datasheet
270Kb / 28P
64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
ICS9LPRS502 IDT-ICS9LPRS502 Datasheet
285Kb / 29P
56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
ICS9LPRS365BGLF IDT-ICS9LPRS365BGLF Datasheet
481Kb / 28P
64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
ICS9LPRS365BGLFT IDT-ICS9LPRS365BGLFT Datasheet
481Kb / 28P
64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
9LPRS355BGLF IDT-9LPRS355BGLF Datasheet
64Kb / 1P
64-pin CK505 w/Fully integrated Voltage Regulator Integrated Series Resistor
logo
Renesas Technology Corp
ICS9LPR502 RENESAS-ICS9LPR502 Datasheet
442Kb / 30P
56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
2019
ICS9LPRS355 RENESAS-ICS9LPRS355 Datasheet
379Kb / 28P
64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
2019
ICS9LPRS501 RENESAS-ICS9LPRS501 Datasheet
386Kb / 28P
64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
2019
ICS9LPRS502 RENESAS-ICS9LPRS502 Datasheet
440Kb / 30P
56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com