Electronic Components Datasheet Search
  English  ▼

X  

ST16C554 Datasheet(PDF) 1 Page - Exar Corporation

Part # ST16C554
Description  2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C554 Datasheet(HTML) 1 Page - Exar Corporation

  ST16C554 Datasheet HTML 1Page - Exar Corporation ST16C554 Datasheet HTML 2Page - Exar Corporation ST16C554 Datasheet HTML 3Page - Exar Corporation ST16C554 Datasheet HTML 4Page - Exar Corporation ST16C554 Datasheet HTML 5Page - Exar Corporation ST16C554 Datasheet HTML 6Page - Exar Corporation ST16C554 Datasheet HTML 7Page - Exar Corporation ST16C554 Datasheet HTML 8Page - Exar Corporation ST16C554 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (510) 668-7000 • FAX (510) 668-7017 • www.exar.com
ST16C554/554D
2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
JUNE 2006
REV. 4.0.1
GENERAL DESCRIPTION
The ST16C554/554D (554) is a quad Universal
Asynchronous Receiver and Transmitter (UART) with
16 bytes of transmit and receive FIFOs, selectable
receive FIFO trigger levels and data rates of up to 1.5
Mbps. Each UART has a set of registers that provide
the user with operating status and control, receiver
error
indications,
and
modem
serial
interface
controls.
An internal loopback capability allows
onboard diagnostics. The 554 is available in a 64-pin
LQFP and a 68-pin PLCC package.
The 64-pin
package only offers the 16 mode interface, but the
68-pin
package
offers
an
additional
68
mode
interface which allows easy integration with Motorola
processors.
The ST16C554CQ64 (64-pin) offers
three
state
interrupt
output
while
the
ST16C554DCQ64
provides
continuous
interrupt
output. The 554 combines the package interface
modes of the 16C554 and 68C554 on a single
integrated chip.
FEATURES
• Pin-to-pin compatible with the industry standard
ST16C454,
ST68C454,
ST68C554,
TI’s
TL16C554A and Philips’ SC16C554B
• Intel or Motorola Data Bus Interface select
• Four independent UART channels
■ Register Set Compatible to 16C550
■ Data rates of up to 1.5 Mbps at 5 V
■ Data rates of up to 500 Kbps at 3.3V
■ 16 byte Transmit FIFO
■ 16 byte Receive FIFO with error tags
■ 4 Selectable RX FIFO Trigger Levels
■ Full modem interface
• 2.97V to 5.5V supply operation
• Crystal oscillator or external clock input
APPLICATIONS
• Portable Appliances
• Telecommunication Network Routers
• Ethernet Network Routers
• Cellular Data Devices
• Factory Automation and Process Controls
FIGURE 1. ST16C554 BLOCK DIAGRAM
XTAL1
XTAL2
Crystal Osc / Buffer
Data Bus
Interface
UART Channel A
16 Byte TX FIFO
16 Byte RX FIFO
BRG
IR
ENDEC
TX & RX
UART
Regs
2.97 V to 5.5 V VCC
GND
TXB, RXB, IRTXB, DTRB#,
DSRB#, RTSB#, CTSB#,
CDB#, RIB#
UART Channel B
(same as Channel A)
A2:A0
D7:D0
CSA#
16/68#
CSB#
INTA
INTB
IOW#
IOR#
Reset
INTSEL
TXRDY#A-D
RXRDY#A-D
UART Channel C
(same as Channel A)
TXA, RXA, IRTXA, DTRA#,
DSRA#, RTSA#, CTSA#,
CDA#, RIA#
TXC, RXC, IRTXC, DTRC#,
DSRC#, RTSC#, CTSC#,
CDC#, RIC#
UART Channel D
(same as Channel A)
TXD, RXD, IRTXD, DTRD#,
DSRD#, RTSD#, CTSD#,
CDD#, RID#
CSC#
CSD#
INTC
INTD


Similar Part No. - ST16C554

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C554 EXAR-ST16C554 Datasheet
518Kb / 40P
QUAD UART WITH 16-BYTE FIFOS
ST16C554 EXAR-ST16C554 Datasheet
757Kb / 39P
2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554CQ64 EXAR-ST16C554CQ64 Datasheet
518Kb / 40P
QUAD UART WITH 16-BYTE FIFOS
ST16C554CQ64 EXAR-ST16C554CQ64 Datasheet
757Kb / 39P
2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554D EXAR-ST16C554D Datasheet
518Kb / 40P
QUAD UART WITH 16-BYTE FIFOS
More results

Similar Description - ST16C554

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C2552 EXAR-ST16C2552 Datasheet
375Kb / 35P
2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
2.97V TO 5.5V UART WITH 16-BYTE FIFO
XR16C854D EXAR-XR16C854D Datasheet
689Kb / 54P
2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XRT16C854 EXAR-XRT16C854 Datasheet
1Mb / 54P
2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C554 EXAR-ST16C554 Datasheet
757Kb / 39P
2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C554DIQ64-F EXAR-ST16C554DIQ64-F Datasheet
761Kb / 39P
2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C654IJ68-F EXAR-ST16C654IJ68-F Datasheet
1Mb / 51P
2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com