Electronic Components Datasheet Search
  English  ▼

X  

IXTQ36P15P Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTQ36P15P
Description  P-Channel Enhancement Mode Avalanche Rated
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTQ36P15P Datasheet(HTML) 2 Page - IXYS Corporation

  IXTQ36P15P Datasheet HTML 1Page - IXYS Corporation IXTQ36P15P Datasheet HTML 2Page - IXYS Corporation IXTQ36P15P Datasheet HTML 3Page - IXYS Corporation IXTQ36P15P Datasheet HTML 4Page - IXYS Corporation IXTQ36P15P Datasheet HTML 5Page - IXYS Corporation IXTQ36P15P Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXTA36P15P IXTP36P15P
IXTQ36P15P IXTH36P15P
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = -10V, ID = 0.5 • ID25,
Note 1
11
19
S
C
iss
3100
pF
C
oss
V
GS = 0V, VDS = - 25V, f = 1MHz
610
pF
C
rss
100
pF
t
d(on)
21
ns
t
r
31
ns
t
d(off)
36
ns
t
f
15
ns
Q
g(on)
55
nC
Q
gs
V
GS = -10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
20
nC
Q
gd
18
nC
R
thJC
0.42
°C/W
R
thCS
(TO-3P, TO-247)
0.21
°C/W
(TO-220)
0.50
°C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
- 36
A
I
SM
Repetitive, Pulse Width Limited by T
JM
-140
A
V
SD
I
F = -18A, VGS = 0V, Note 1
- 3.3
V
t
rr
228
ns
Q
RM
2.0
μC
I
RM
-17.6
A
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Note
1: Pulse test, t
≤ 300μs, duty cycle, d ≤ 2%.
Resistive Switching Times
V
GS = -10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
R
G = 3.3Ω (External)
I
F = -18A, -di/dt = -100A/μs
V
R = - 75V, VGS = 0V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com