Electronic Components Datasheet Search
  English  ▼

X  

PACAC97 Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # PACAC97
Description  PC AUDIO RESISTOR NETWORK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACAC97 Datasheet(HTML) 1 Page - California Micro Devices Corp

  PACAC97 Datasheet HTML 1Page - California Micro Devices Corp PACAC97 Datasheet HTML 2Page - California Micro Devices Corp PACAC97 Datasheet HTML 3Page - California Micro Devices Corp PACAC97 Datasheet HTML 4Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2000 California Micro Devices Corp. All rights reserved.
9/27/2000
1
PACAC97
CALIFORNIA MICRO DEVICES
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
PC Audio Resistor Network
Features
• Signal conditioning and gain setting resistors for
all standard audio functions
• Low noise thin film resistors ±1% match
• Better than 1% matching between channels
• Gain modification by changing resistors
externally
• Better than –90dB inter-channel and channel-to-
channel crosstalk
• Single 28-pin QSOP package
• Saves board space and reduces assembly cost
Product Description
High quality audio systems have become standard for
most personal computers. Furthermore, the audio
functions have been migrating to the motherboard,
putting pressure on available board space. The
PACAC97 provides the components necessary for signal
conditioning of analog audio inputs for an AC97 compli-
ant Codec as well as gain setting resistors for head-
phone and microphone amplifiers. Since analog signal
levels can be as high as 2Vrms, the PACAC97 provides
6dB of attenuation (to 1Vrms) for LINE-IN, AUX, and CD
inputs. The CD line level inputs of the PACAC97 have an
additional ground signal, CD_GND, that supports the
pseudo differential amplifier present in AC97 Codecs.
This feature facilitates attenuation of common mode
ground noise typically present at the output of CD ROM
Applications
• Analog audio system for Pentium II Class personal
computers, used in conjunction with Audio Codec,
CS4297 or AD1819A.
drives. Connecting the CD pins as indicated in the
application circuit provides attenuation of common mode
noise from the CD inputs, thereby producing a higher
quality CD signal. Finally, the device provides gain-
setting resistors for the headphone and microphone
amplifiers. The PACAC97 provides exceptional inter-
channel and channel-to-channel crosstalk attenuation
necessary for high quality audio.
The PACAC97 provides performance, high reliability, and
low cost through manufacturing efficiency, utilizing high
volume and low cost IC manufacturing and processes.
The process yields low noise and highly stable resistors
demanded in audio applications. In addition, the 28-pin
QSOP package is an industry standard that is easy to
handle in manufacturing and provides package reliability
SCHEMATIC CONFIGURATION
C0441098
R23
33K
Ω
28
AMP_OUT1
IN1
AMP2–
IN2
GND
LINE_IN_L
AC97LINE_R
LINE_IN_R
AC97LINE_L
GND
AC97CD_R
AC97CD_L
AC97CD_GND
AC97MIC
MIC IN
MIC+
MIC–
CD_R
CD_GND
CD_L
MIC_AMP_OUT
AMP_OUT2
AMP1–
27
R23
22K
Ω
R22
33K
Ω
25
26
24
23
22
21
20
19
18
17
16
15
R21
22K
Ω
R20
4.7K
Ω
R19
33K
Ω
R15
510K
Ω
R16
100K
Ω
R18
4.7K
Ω
R17
100K
Ω
R13
6.8K
Ω
R2
6.8K
Ω
R1
6.8K
Ω
12
3
4
5
6
8
9
10
14
12
11
R4
6.8K
Ω
R3
6.8K
Ω
R14
6.8 K
Ω
R11
3.4K
Ω
R12
3.4K
Ω
R9
6.8K
Ω
R10
6.8K
Ω
R7
6.8K
Ω
R8
6.8K
Ω
AC97AUX_R
AC97AUX_L
AUXIN_R
GND
7
13
R5
6.8K
Ω
R6
6.8K
Ω
AUXIN_L


Similar Part No. - PACAC97

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACAC CALMIRCO-PACAC Datasheet
125Kb / 2P
P/ACTIVE AC TERMINATION NETWORK
More results

Similar Description - PACAC97

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4304K-L BOURNS-4304K-L Datasheet
30Kb / 2P
Resistor Network
4304S-L BOURNS-4304S-L Datasheet
36Kb / 2P
Resistor Network
4306K-L BOURNS-4306K-L Datasheet
30Kb / 2P
Resistor Network
4306T-L BOURNS-4306T-L Datasheet
30Kb / 2P
Resistor Network
4308S-L BOURNS-4308S-L Datasheet
30Kb / 2P
Resistor Network
4308T-L BOURNS-4308T-L Datasheet
30Kb / 2P
Resistor Network
4310S-L BOURNS-4310S-L Datasheet
30Kb / 2P
Resistor Network
4310T-L BOURNS-4310T-L Datasheet
30Kb / 2P
Resistor Network
4820T-L BOURNS-4820T-L Datasheet
29Kb / 2P
Resistor Network
4816T-L BOURNS-4816T-L Datasheet
29Kb / 2P
Resistor Network
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com