Electronic Components Datasheet Search
  English  ▼

X  

PACDN002 Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # PACDN002
Description  17 CHANNEL ESD PROTECTION ARRAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACDN002 Datasheet(HTML) 3 Page - California Micro Devices Corp

  PACDN002 Datasheet HTML 1Page - California Micro Devices Corp PACDN002 Datasheet HTML 2Page - California Micro Devices Corp PACDN002 Datasheet HTML 3Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
©1999 California Micro Devices Corp. All rights reserved.
3
11/99
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
PAC DN002
CALIFORNIA MICRO DEVICES
Similarly for negative ESD pulses, parasitic series inductance from the VN pin to the ground rail will lead to drastically
increased negative voltage on the line being protected.
Another consideration is the output impedance of the power supply for fast transient currents. Most power supplies
exhibit a much higher output impedance to fast transient current spikes. In the VZ equation above, the VSupply term, in
reality, is given by (VDC + Iesd x Rout), where VDC and Rout are the nominal supply DC output voltage and effective output
impedance of the power supply respectively. As an example, a Routof 1 ohm would result in a 10V increment in VZ for a
peak Iesd of 10A.
To mitigate these effects, a high frequency bypass capacitor should be connected between the VP pin of the ESD Protection
Array and the ground plane. The value of this bypass capacitor should be chosen such that it will absorb the charge
transferred by the ESD pulse with minimal change in VP. Typically a value in the 0.1 µF to 0.2 µF range is adequate for
IEC-61000-4-2 level 4 contact discharge protection (8KV). For higher ESD voltages, the bypass capacitor should be
increased accordingly. Ceramic chip capacitors mounted with short printed circuit board traces are good choices for this
application. Electrolytic capacitors should be avoided as they have poor high frequency characteristics. For extra protection,
connect a zener diode in parallel with the bypass capacitor to mitigate the effects of the parasitic series inductance
inherent in the capacitor. The breakdown voltage of the zener diode should be slightly higher than the maximum supply
voltage.
As a general rule, the ESD Protection Array should be located as close as possible to the point of entry of expected
electrostatic discharges. The power supply bypass capacitor mentioned above should be as close to the VP pin of the
Protection Array as possible, with minimum PCB trace lengths to the power supply and ground planes to minimize stray
series inductance.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com