Electronic Components Datasheet Search
  English  ▼

X  

DS1023 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS1023
Description  8-Bit Programmable Timing Element
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1023 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS1023 Datasheet HTML 7Page - Dallas Semiconductor DS1023 Datasheet HTML 8Page - Dallas Semiconductor DS1023 Datasheet HTML 9Page - Dallas Semiconductor DS1023 Datasheet HTML 10Page - Dallas Semiconductor DS1023 Datasheet HTML 11Page - Dallas Semiconductor DS1023 Datasheet HTML 12Page - Dallas Semiconductor DS1023 Datasheet HTML 13Page - Dallas Semiconductor DS1023 Datasheet HTML 14Page - Dallas Semiconductor DS1023 Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DS1023
11 of 16
AC ELECTRICAL CHARACTERISTICS –
DS1023-50 Delay Specifications
(TA= 0
°C to 70°C; VCC = 5V ± 5%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Step Zero Delay
-absolute
-wrt REF
tD0
tDREF0
-2
16.5
-1.5
22
0
ns
ns
1, 13
2, 14
Reference Delay
tREF
18
22
ns
3, 13
Delay Step Size
tSTEP
0
0.5
1.5
ns
4, 16
Maximum Delay
-absolute
-wrt REF
tDMAX
tDREF
139
123
144
127.5
154
132
ns
ns
5, 13
6, 14
Integral Non-linearity
(deviation from straight line)
terr
-2
0
+2
ns
7
OUT
Delta Delay
tINV0
0
1
2
ns
8
IN High to PWM High
tPWM0
16.5
22
ns
9, 13
Minimum PWM Output
Pulse Width
tPWM
5
ns
10
Minimum Input Pulse Width
tWI
20
ns
11
Minimum Input Period
40
ns
12
Input Rise and Fall Times
tr, tf
0
1
ms
15
AC ELECTRICAL CHARACTERISTICS –
DS1023-100 Delay Specifications
(TA = 0
°C – 70°C; VCC = 5V ± 5%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Step Zero Delay
-absolute
-wrt REF
tD0
tDREF0
-2
16.5
-1.5
22
0
ns
ns
1, 13
2, 14
Reference Delay
tREF
18
22
ns
3, 13
Delay Step Size
tSTEP
0
1
1.5
ns
4, 16
Maximum Delay
-absolute
-wrt REF
tDMAX
tDREF
262
247
272
255
285
263
ns
ns
5, 13
6, 14
Integral Non-linearity
(deviation from straight line)
terr
-4
0
+4
ns
7
OUT
Delta Delay
tINV0
0
1
2
ns
8
IN High to PWM High
tPWM0
16.5
22
ns
9, 13
Minimum PWM Output
Pulse Width
tPWM
5
ns
10
Minimum Input Pulse Width
tWI
20
ns
11
Minimum Input Period
40
ns
12
Input Rise and Fall Times
tr, tf
0
1
ms
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com