Electronic Components Datasheet Search
  English  ▼

X  

PACTF Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # PACTF
Description  P/ACTIVE EMI/RFITAPPED FILTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACTF Datasheet(HTML) 2 Page - California Micro Devices Corp

  PACTF Datasheet HTML 1Page - California Micro Devices Corp PACTF Datasheet HTML 2Page - California Micro Devices Corp PACTF Datasheet HTML 3Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
©2000 California Micro Devices Corp. All rights reserved.
6/7/2000
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
2
CALIFORNIA MICRO DEVICES
PACTF
100/150T
24
QSOP
PAC100/150TFQ/T
PAC100/150TFQ/R
PAC100/150TFQ
100/101T
24
QSOP
PAC100/101TFQ/T
PAC100/101TFQ/R
PAC100/101TFQ
150/470T
24
QSOP
PAC150/470TFQ/T
PAC150/470TFQ/R
PAC150/470TFQ
250/101T
24
QSOP
PAC250/101TFQ/T
PAC250/101TFQ/R
PAC250/101TFQ
250/201T
24
QSOP
PAC250/201TFQ/T
PAC250/201TFQ/R
PAC250/201TFQ
330/470T
24
QSOP
PAC330/470TFQ/T
PAC330/470TFQ/R
PAC330/470TFQ
330/101T
24
QSOP
PAC330/101TFQ/T
PAC330/101TFQ/R
PAC330/101TFQ
330/221T
24
QSOP
PAC330/221TFQ/T
PAC330/221TFQ/R
PAC330/221TFQ
390/500T
24
QSOP
PAC390/500TFQ/T
PAC390/500TFQ/R
PAC390/500TFQ
390/221T
24
QSOP
PAC390/221TFQ/T
PAC390/221TFQ/R
PAC390/221TFQ
470/330T
24
QSOP
PAC470/330TFQ/T
PAC470/330TFQ/R
PAC470/330TFQ
470/470T
24
QSOP
PAC470/470TFQ/T
PAC470/470TFQ/R
PAC470/470TFQ
101/101T
24
QSOP
PAC101/101TFQ/T
PAC101/101TFQ/R
PAC101/101TFQ
STANDARD PART ORDERING INFORMATION
Package
Ordering Part Number
RC Code
Pins
Style*
Tubes
Tape & Reel
Part Marking
fc @ 3db‡
1063 MHz
160 MHz
226 MHz
64 MHz
32 MHz
103 MHz
27 MHz
22 MHz
82 MHz
19 MHz
103 MHz
72 MHz
16 MHz
RC Code
100/150T
100/101T
150/470T
250/101T
250/201T
330/470T
330/101T
330/221T
390/500T
390/221T
470/330T
470/470T
101/101T
C (pf)
15
100
47
100
200
47
180
220
50
220
33
47
100
R (Ω)
10
10
15
25
25
33
33
33
39
39
47
47
100
* Also available in 300 mil wide SOIC package. Contact your
local CAMD Sales Representative or the factory for availability.
STANDARD VALUES
‡ with 0 source impedance
50 Ohm
Filter Cross Talk Test Circuit (TA=25oC)
50



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com