Electronic Components Datasheet Search
  English  ▼

X  

PAC560RGQ/R Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # PAC560RGQ/R
Description  P/ACTIVE HIGH PERFORMANCE GTL/ECL LOCAL TERMINATION NETWORK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PAC560RGQ/R Datasheet(HTML) 2 Page - California Micro Devices Corp

  PAC560RGQ/R Datasheet HTML 1Page - California Micro Devices Corp PAC560RGQ/R Datasheet HTML 2Page - California Micro Devices Corp PAC560RGQ/R Datasheet HTML 3Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
©2000 California Micro Devices Corp. All rights reserved.
8/10/2000
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
2
CALIFORNIA MICRO DEVICES
PACRG
Signal at Termination and Victim Line (TA=25OC) (See Test Circuit)
Channel 1 (500mV/division) Termination Signal, Channel 2 (250mV/division) Victim Voltage. The victim voltage
crosstalk measures 65mV in the critical areas around the system clock. The system clock occurs approximately 4ns
before each data transition. The horizontal dashed lines are 65mV apart. The time scale is 5.0ns/division. The signal
voltage rise and fall times have been adjusted at the driver to conform to Intel specifications.) Measurements made
using Tektronix TDS820 6 GHz Digitizing Oscilloscope with P6207 FET Probes.
Cha
500mV/De
Cha
250mV/De
Test Circuit Block Diagram



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com