Electronic Components Datasheet Search
  English  ▼

X  

PRC200 Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # PRC200
Description  EMI/RFIT-FILTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PRC200 Datasheet(HTML) 1 Page - California Micro Devices Corp

  PRC200 Datasheet HTML 1Page - California Micro Devices Corp PRC200 Datasheet HTML 2Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 California Micro Devices Corp. All rights reserved.
7/14/2000
1
PRC200/210
CALIFORNIA MICRO DEVICES
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
EMI/RFI T-Filter
Features
• Suitable for I/O interface cards
• Stable resistor-capacitor network
• No signal delays
• 8 EMI/RFI protection lines/package
• Saves board space and component cost
Product Description
CAMD’s PRC200/210 Tapped Filter is specifically
designed to suppress EMI/RFI noise at I/O ports of
personal computers and engineering workstations, Local
Area Network (LAN), Asynchronous Transfer Mode
(ATM), Wide Area Network (WAN), and peripheral
accessories. This integrated thin film resistor capacitor
network is available in miniature surface mount pack-
ages which minimizes space and routing problems and
improves reliability and yields.
Why thin film EMI/RFI filters? EMI/RFI filters are needed
to suppress noise at low and high frequencies of the
signal. Ferrite beads used for EMI/RFI filtering are bulky
and ineffective at low frequencies and have saturation
problems at high frequencies. Resistor-capacitor
Applications
• EMI/RFI Filter
• Low Pass Filter
• LCD Panel Display Filters
C1200600
SCHEMATIC CONFIGUARA6TION
networks offer the best technical approach for effective
EMI/RFI filtering. Conventional thick film-based EMI/RFI
filters do not effectively suppress noise at high frequen-
cies due to the fact that EMI/RFI filters using thick film
technology have high parasitic inductance which
becomes the dominant component of the capacitor’s
impedance past resonance, and therefore significantly
affects high frequency performance of the filter.
CAMD’s PRC200/210 Tapped Filter is fabricated on a
silicon substrate using advanced thin film technology.
These EMI/RFI filters have very low parasitic inductance
and suppress EMI/RFI noise at low and high frequencies
to well above 1000 MHz.
20
19 18
17
16
15
14
13
12 11
12
3
4
5
6
7
8
9
10
N
O
I
T
A
M
R
O
F
N
I
G
N
I
R
E
D
R
O
T
R
A
P
D
R
A
D
N
A
T
S
e
g
a
k
c
a
Pr
e
b
m
u
N
t
r
a
P
g
n
i
r
e
d
r
O
e
d
o
C
C
Rs
n
i
Pe
l
y
t
Ss
e
b
u
Tl
e
e
R
&
e
p
a
Tg
n
i
k
r
a
M
t
r
a
P
T
0
7
4
/
0
5
10
2C
I
O
ST
/
M
0
7
4
/
K
0
5
1
0
0
2
C
R
PR
/
M
0
7
4
/
K
0
5
1
0
0
2
C
R
PM
0
7
4
/
K
0
5
1
0
0
2
C
R
P
T
1
0
1
/
0
5
20
2C
I
O
ST
/
M
1
0
1
/
K
0
5
2
0
0
2
C
R
PR
/
M
1
0
1
/
K
0
5
2
0
0
2
C
R
PM
1
0
1
/
K
0
5
2
0
0
2
C
R
P
T
1
8
1
/
0
5
20
2C
I
O
ST
/
M
1
8
1
/
K
0
5
2
0
0
2
C
R
PR
/
M
1
8
1
/
K
0
5
2
0
0
2
C
R
PM
1
8
1
/
K
0
5
2
0
0
2
C
R
P
T
1
0
2
/
0
5
20
2C
I
O
ST
/
M
1
0
2
/
K
0
5
2
0
0
2
C
R
PR
/
M
1
0
2
/
K
0
5
2
0
0
2
C
R
PM
1
0
2
/
K
0
5
2
0
0
2
C
R
P
T
1
2
2
/
0
7
20
2C
I
O
ST
/
M
1
2
2
/
K
0
7
2
0
0
2
C
R
PR
/
M
1
2
2
/
K
0
7
2
0
0
2
C
R
PM
1
2
2
/
K
0
7
2
0
0
2
C
R
P


Similar Part No. - PRC200

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PRC201 CALMIRCO-PRC201 Datasheet
44Kb / 2P
EMI/RFI TAPPED FILTER
logo
Willow Technologies Ltd
PRC2010 WILLOW-PRC2010 Datasheet
151Kb / 2P
PRECISION SURFACE MOUNT
PRC2010HTC10 WILLOW-PRC2010HTC10 Datasheet
151Kb / 2P
PRECISION SURFACE MOUNT
PRC2010HTC25 WILLOW-PRC2010HTC25 Datasheet
151Kb / 2P
PRECISION SURFACE MOUNT
PRC2010HTC5 WILLOW-PRC2010HTC5 Datasheet
151Kb / 2P
PRECISION SURFACE MOUNT
More results

Similar Description - PRC200

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACR6G CALMIRCO-PACR6G Datasheet
99Kb / 3P
EMI/RFIT-FILTER
logo
XFMRS Inc.
XFWCMC636347-R22 XFMRS-XFWCMC636347-R22 Datasheet
41Kb / 1P
EMI filter
logo
Qualtek Electronics Cor...
849-06-002 QUALTEK-849-06-002 Datasheet
246Kb / 1P
EMI FILTER
851-03004 QUALTEK-851-03004 Datasheet
254Kb / 1P
EMI FILTER
851-05005 QUALTEK-851-05005 Datasheet
239Kb / 1P
EMI FILTER
851-10007 QUALTEK-851-10007 Datasheet
238Kb / 1P
EMI FILTER
858-06011 QUALTEK-858-06011 Datasheet
263Kb / 1P
EMI FILTER
858-10022 QUALTEK-858-10022 Datasheet
253Kb / 1P
EMI FILTER
860-10024 QUALTEK-860-10024 Datasheet
252Kb / 1P
EMI FILTER
862-06002 QUALTEK-862-06002 Datasheet
260Kb / 1P
EMI FILTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com