Electronic Components Datasheet Search
  English  ▼

X  

PRC207 Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # PRC207
Description  CLOCK TERMINATOR AND LOCAL EMI/RFI FILTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PRC207 Datasheet(HTML) 1 Page - California Micro Devices Corp

  PRC207 Datasheet HTML 1Page - California Micro Devices Corp PRC207 Datasheet HTML 2Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2001 California Micro Devices Corp. All rights reserved.
2/14/2001
1
215 Topaz Street, Milpitas, California 95035

Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
PRC207
CALIFORNIA MICRO DEVICES
Clock Terminator and Local EMI/RFI Filter
Features
• Filters at source of emissions
• Stable resistor-capacitor network
• Ideal for high-speed logic
• Low lead inductance
• Reduces board space compared to discretes
• 3-Pin SOT-23 package
Product Description
High speed microprocessors like Intel’s Pentium®, DEC’s
Alpha, Motorola’s 68K and PowerPC, Sun’s SPARC,
MIPs, and other RISC-based systems require well-
controlled and precise clock signals to maintain a high
performance synchronous system. However, very fast
edge rated clock signals exhibit transmission line effects
on the clock lines resulting in undershoot and overshoot
disturbances.
CAMD’s PRC207 SOT resistor-capacitor integrated thin
film networks are specifically designed to eliminate
transmission line effects on high speed clock and data
lines. They are effective in suppressing EMI/RFI noise at
I/O ports and can also be used as “distributed” AC
terminators when filtered lines are dispersed across the
board.
Applications
• Clock termination
• Point of contact filtering
• Low pass filtering
• EMI/RFI filtering
C1720101
These networks are fabricated on a silicon substrate
using advanced thin film technology. They have low
parasitic inductance compared to discrete and conven-
tional thick film filters and provide effective AC termina-
tion and EMI/RFI noise suppression over a wide range of
frequencies.
Why thin film RC networks? The PRC207 is an inte-
grated RC network fabricated on a silicon substrate
using advanced thin film technology. This technology
insures a fixed time constant and does not create
additional skew on the clock lines. It offers very low
parasitic inductance compared to conventional discrete
thick film-based approaches and provides effective
termination at high frequencies.
R
13
2
PRC207
C
SCHEMATIC CONFIGURATION


Similar Part No. - PRC207

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PRC207101K101MB CALMIRCO-PRC207101K101MB Datasheet
37Kb / 2P
AC TERMINATION NETWORK
PRC207101K101MR CALMIRCO-PRC207101K101MR Datasheet
37Kb / 2P
AC TERMINATION NETWORK
PRC207330K470MB CALMIRCO-PRC207330K470MB Datasheet
37Kb / 2P
AC TERMINATION NETWORK
PRC207330K470MR CALMIRCO-PRC207330K470MR Datasheet
37Kb / 2P
AC TERMINATION NETWORK
PRC207400K500MB CALMIRCO-PRC207400K500MB Datasheet
37Kb / 2P
AC TERMINATION NETWORK
More results

Similar Description - PRC207

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACT CALMIRCO-PACT Datasheet
62Kb / 3P
P/ACTIVE EMI/RFI T FILTER
PRC201 CALMIRCO-PRC201 Datasheet
44Kb / 2P
EMI/RFI TAPPED FILTER
logo
PowerDynamics, Inc
PC05Q-1 POWERDYNAMICS-PC05Q-1 Datasheet
423Kb / 2P
CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER.
PCSP POWERDYNAMICS-PCSP Datasheet
399Kb / 2P
CHASSIS MOUNT EMI/RFI LINE FILTER
PD05PS-1 POWERDYNAMICS-PD05PS-1 Datasheet
993Kb / 2P
CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER.
logo
IXYS Corporation
CPC1964B IXYS-CPC1964B Datasheet
117Kb / 6P
Low EMI and RFI Generation
CPC1972 IXYS-CPC1972 Datasheet
114Kb / 7P
Low EMI and RFI Generation
CPC1976 IXYS-CPC1976 Datasheet
116Kb / 6P
Low EMI and RFI Generation
logo
Fairchild Semiconductor
42007 FAIRCHILD-42007 Datasheet
396Kb / 6P
Safety, EMI and RFI Considerations
logo
Sangdest Microelectroni...
120NQ600-1 SMC-120NQ600-1 Datasheet
276Kb / 4P
Reduced RFI and EMI
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com