Electronic Components Datasheet Search
  English  ▼

X  

V802ME03 Datasheet(PDF) 1 Page - Z-Communications, Inc

Part # V802ME03
Description  Voltage-Controlled Oscillator Surface Mount Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZCOMM [Z-Communications, Inc]
Direct Link  http://www.zcomm.com
Logo ZCOMM - Z-Communications, Inc

V802ME03 Datasheet(HTML) 1 Page - Z-Communications, Inc

  V802ME03 Datasheet HTML 1Page - Z-Communications, Inc V802ME03 Datasheet HTML 2Page - Z-Communications, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LFSuffix = RoHS Compliant. All specifications are subject to change without notice.
© Z-Communications, Inc. All Rights Reserved.
Page 1 of 2
FRM-S-002 B
PHASE NOISE (1 Hz BW, typical)
OFFSET (Hz)
Performance Specifications
Typ
Units
Min
Max
52
-94
-10
8
6
50
50
Oscillation Frequency Range
Phase Noise @ 10 kHz offset (1 Hz BW)
Harmonic Suppression (2nd)
Tuning Voltage
Tuning Sensitivity (avg.)
Power Output
Load Impedance
Input Capacitance
Pushing
Pulling (
dB Return Loss, Any Phase)
Operating Temperature Range
MHz
dBc/Hz
dBc
Vdc
MHz/V
dBm
pF
MHz/V
MHz
°C
2275
2475
14
0.5
8
Package Style
28
80
-40
5
-8
Power Supply Requirements
Typ
Units
Min
Max
5
18
Vdc
mA
Supply Voltage (Vcc, nom.)
Supply Current (Icc)
22
PCN Basestations
Earthstations
Satellite Modems
•
•
•
Applications
Voltage-Controlled Oscillator
Surface Mount Module
V802ME03
D4
Rev
Additional Notes
Application Notes
• AN-101: Mounting and Grounding
• AN-102: Output Loading
• AN-107: Manual Soldering
14118 Stowe Drive, Suite B
Poway, CA 92064
TEL: (858) 621-2700 | FAX: (858) 486-1927
URL: www.zcomm.com
EMAIL: applications@zcomm.com
MINI-14S


Similar Part No. - V802ME03

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
V802ME03 ZCOMM-V802ME03 Datasheet
69Kb / 2P
LOW COST - HIG PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
V802ME03 ZCOMM-V802ME03 Datasheet
84Kb / 2P
Voltage-Controlled Oscillator Surface Mount Module
V802ME03 ZCOMM-V802ME03_10 Datasheet
84Kb / 2P
Voltage-Controlled Oscillator Surface Mount Module
More results

Similar Description - V802ME03

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
TRO1350A-LF ZCOMM-TRO1350A-LF Datasheet
144Kb / 2P
Voltage-Controlled Oscillator Surface Mount Module
V842ME05-LF ZCOMM-V842ME05-LF_14 Datasheet
80Kb / 2P
Voltage-Controlled Oscillator Surface Mount Module
V844ME05-LF ZCOMM-V844ME05-LF_14 Datasheet
82Kb / 2P
Voltage-Controlled Oscillator Surface Mount Module
V844ME21-LF ZCOMM-V844ME21-LF_14 Datasheet
87Kb / 2P
Voltage-Controlled Oscillator Surface Mount Module
V844ME29-LF ZCOMM-V844ME29-LF Datasheet
71Kb / 2P
Voltage-Controlled Oscillator Surface Mount Module
V844ME36-LF ZCOMM-V844ME36-LF Datasheet
105Kb / 2P
Voltage-Controlled Oscillator Surface Mount Module
V846ME01-LF ZCOMM-V846ME01-LF_14 Datasheet
91Kb / 2P
Voltage-Controlled Oscillator Surface Mount Module
V846ME02 ZCOMM-V846ME02_14 Datasheet
78Kb / 2P
Voltage-Controlled Oscillator Surface Mount Module
V956ME01-LF ZCOMM-V956ME01-LF_14 Datasheet
84Kb / 2P
Voltage-Controlled Oscillator Surface Mount Module
ZRO0736B2LF ZCOMM-ZRO0736B2LF_14 Datasheet
81Kb / 2P
Voltage-Controlled Oscillator Surface Mount Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com