Electronic Components Datasheet Search
  English  ▼

X  

PRN147 Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # PRN147
Description  ZERO OHMJUMPER ARRAY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PRN147 Datasheet(HTML) 1 Page - California Micro Devices Corp

  PRN147 Datasheet HTML 1Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CALIFORNIA MICRO DEVICES
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
7/97
PRN 146/147
ZERO OHM JUMPER ARRAY
Features
• Stable low resistance circuit interconnect
• 10 or 12 jumpers/package
• Saves board space and reduces assembly cost
• Industry standard SOIC and
QSOP (SSOP) packages
SCHEMATIC CONFIGURATION
Applications
• Circuit Interconnect
• Crossovers on PC Boards
Product Description
CMD’s PRN146/147 Zero Ohm Networks in a miniature QSOP or SOIC package†, save critical board area and provide
manufacturing cost and reliability efficiencies.
Why zero ohm networks? Jumpers (or crossovers) are used as interconnects between points on a PC board. They are
typically used to connect two points to alter the circuit functionality. This provides circuit flexibility and simplicity after
board design. They may also be used as crossovers on the PC board when the layout may not permit this.
24
Wide SOIC
PRN146-S/T
PRN146-S/R
PRN146-S
24
QSOP
PRN146-Q/T
PRN146-Q/R
PRN146-Q
20
Wide SOIC
PRN147-S/T
PRN147-S/R
PRN147-S
20
QSOP
PRN147-Q/T
PRN147-Q/R
PRN147-Q
STANDARD PART ORDERING INFORMATION
Ordering Part Number
Pins
Package
Tubes
Tape & Reel
Part Marking
C0120597D
STANDARD SPECIFICATIONS
Resistance (R)
0.3 Ohms (typical)
Operating Temperature Range
0OC to 70°C
Power Rating/Jumper
250mW
Minimum Insulation Resistance 10,000 Meg Ω
Storage Temperature
-65OC to +150OC
Package Power Rating
1.00W, max.
C0120597D
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
7 / 98
1
©1998 California Micro Devices Corp. All rights reserved.
P/Active® is a registered trademark and PAC is a trademark of California Micro Devices.


Similar Part No. - PRN147

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PRN100 CALMIRCO-PRN100 Datasheet
126Kb / 4P
Isolated Resistor Termination Network
PRN10016N1000J CALMIRCO-PRN10016N1000J Datasheet
126Kb / 4P
Isolated Resistor Termination Network
PRN10016N1000JR CALMIRCO-PRN10016N1000JR Datasheet
126Kb / 4P
Isolated Resistor Termination Network
PRN10016N1000JT CALMIRCO-PRN10016N1000JT Datasheet
126Kb / 4P
Isolated Resistor Termination Network
PRN10016N1001J CALMIRCO-PRN10016N1001J Datasheet
126Kb / 4P
Isolated Resistor Termination Network
More results

Similar Description - PRN147

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL20LV8ZD LATTICE-GAL20LV8ZD Datasheet
284Kb / 18P
Low Voltage, Zero Power E2CMOS PLD Generic Array Logic
PALCE16V8 LATTICE-PALCE16V8 Datasheet
634Kb / 32P
EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic
GAL16LV8ZD LATTICE-GAL16LV8ZD Datasheet
270Kb / 18P
Low Voltage, Zero Power E2CMOS PLD Generic Array Logic
logo
KOA Speer Electronics, ...
CNZ1HAT KOA-CNZ1HAT Datasheet
98Kb / 2P
zero ohm jumper resistor array
logo
Yamaichi Electronics Co...
NP89-12110-G4-BF YAMAICHI-NP89-12110-G4-BF Datasheet
205Kb / 2P
Pin Grid Array / Zero Insertion Force (PGA / ZIF)
NP161-19604-G4-BF YAMAICHI-NP161-19604-G4-BF Datasheet
77Kb / 1P
Pin Grid Array / Zero Insertion Force (PGA / ZIF)
NP178-64401-1-MF YAMAICHI-NP178-64401-1-MF Datasheet
90Kb / 1P
Pin Grid Array /Zero Insertion Force (PGA/ZIF - Interstitial)
NP236-102002-1 YAMAICHI-NP236-102002-1 Datasheet
68Kb / 1P
Pin Grid Array /Zero Insertion Force (PGA/ZIF - Interstitial)
logo
KOA Speer Electronics, ...
CNZ1J4ATTD KOA-CNZ1J4ATTD Datasheet
259Kb / 2P
zero ohm jumper resistor array
CNZ KOA-CNZ Datasheet
386Kb / 2P
zero ohm jumper resistor array
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com