Electronic Components Datasheet Search
  English  ▼

X  

PRN299 Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # PRN299
Description  POSITIVE/POEUDO ECL(PECL)CLOCK TERMINATION NETWORK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PRN299 Datasheet(HTML) 2 Page - California Micro Devices Corp

  PRN299 Datasheet HTML 1Page - California Micro Devices Corp PRN299 Datasheet HTML 2Page - California Micro Devices Corp PRN299 Datasheet HTML 3Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CALIFORNIA MICRO DEVICES
©2000 California Micro Devices Corp. All rights reserved.
3/00
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
PRN299
2
S
G
N
I
T
A
R
M
U
M
I
X
A
M
E
T
U
L
O
S
B
A
r
e
t
e
m
a
r
a
Pg
n
i
t
a
Rt
i
n
U
V 1C
C
V
,
2
C
C
V
,
3
C
C
V
&
4
C
C
e
g
a
tl
o
v
y
l
p
p
u
s0
.
6
+
,
5
.
0
-
D
N
GV
t
n
e
r
r
u
c
d
r
a
w
r
o
f
1
D
e
d
o
i
D0
0
1A
u
:
s
t
u
p
n
i
t
a
e
g
a
tl
o
v
C
D
V
3
_
O
E
D
I
V
,
2
_
O
E
D
I
V
,
1
_
O
E
D
I
VV
,
5
.
0
-
D
N
G
1
C
C
5
.
0
+V
3
_
M
R
E
T
,
2
_
M
R
E
T
,
1
_
M
R
E
T0
.
6
+
,
0
.
6
-V
2
N
I
_
C
D
D
,
1
N
I
_
C
D
DV
,
5
.
0
-
D
N
G
2
C
C
5
.
0
+
2
T
U
O
_
C
D
D
,
1
T
U
O
_
C
D
DV
,
5
.
0
-
D
N
G
3
C
C
5
.
0
+V
2
N
I
_
C
N
Y
S
,
1
N
I
_
C
N
Y
SV
,
5
.
0
-
D
N
G
4
C
C
5
.
0
+V
:
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S0
5
1
+
o
t
0
4
-
oC
t
n
e
i
b
m
A
g
n
it
a
r
e
p
O0
7
+
o
t
0
oC
n
o
it
a
p
is
si
d
r
e
w
o
p
e
g
a
k
c
a
P0
.
1W
Note 1: These parameter applies only to the HSYNC and VSYNC channels.
Note 2: Per the IEC-61000-4-2 International ESD Standard, Level 4 contact discharge method. V
CC1, VCC3 and VCC4 must be bypassed
to GND via a low impedance ground plane with a 0.2uF, low inductance, chip ceramic capacitor at each supply pin. ESD pulse
is applied between the applicable pins and GND. ESD pulse can be positive or negative with respect to GND. Applicable pins
are: VIDEO_1, VIDEO_2, VIDEO_3, SYNC_OUT1, SD1, SYNC_OUT2, SD2, DDC_OUT1 and DDC_OUT2. All other pins are ESD
protected to the industry standard 2kV per the Human Body model (MIL-STD-883, Method 3015).
Note 3: This parameter is guaranteed by design and characterization.
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
G
N
I
T
A
R
E
P
O
L
A
C
I
R
T
C
E
L
E
)
e
s
i
w
r
e
h
t
o
d
e
i
f
i
c
e
p
s
s
s
e
l
n
u
s
n
o
i
t
i
d
n
o
c
g
n
i
t
a
r
e
p
o
r
e
v
o
(
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
CN
I
MP
Y
TX
A
MT
I
N
U
I 1
C
C
V 1
C
C
t
n
e
r
r
u
c
y
l
p
p
u
sV 1
C
C
t
a
s
t
u
p
n
i
O
E
D
I
V
;
V
5
=V 1
C
C
D
N
G
r
o0
1A
u
I
3
,
2
C
C
V 2
C
C
V
,
3
C
C
t
n
e
r
r
u
c
y
l
p
p
u
sV 2
C
C
V
=
3
C
C
V
5
=0
1A
u
I 4
C
C
V 4
C
C
t
n
e
rr
u
c
y
l
p
p
u
sV 4
C
C
V
r
o
D
N
G
t
a
s
t
u
p
n
i
C
N
Y
S
;
V
5
=
4
C
C ;0
1A
u
V
t
a
n
i
p
P
U
_
R
W
P
;
4
C
C
d
e
d
a
o
l
n
u
s
t
u
p
t
u
o
C
N
Y
S
V 4
C
C
P
U
_
R
W
P
;
V
0
.
3
t
a
s
t
u
p
n
i
C
N
Y
S
;
V
5
=0
0
2A
u
V
t
a
n
i
p
4
C
C
d
e
d
a
o
l
n
u
s
t
u
p
t
u
o
C
N
Y
S
;
V 4
C
C
C
N
Y
S
;
D
N
G
t
a
t
u
p
n
i
P
U
_
R
W
P
;
V
5
=0
1A
u
d
e
d
a
o
l
n
u
s
t
u
p
t
u
o
V S
A
I
B
V S
A
I
B
e
g
a
tl
o
v
ti
u
c
ri
c
n
e
p
oV
m
o
rf
n
w
a
r
d
t
n
e
rr
u
c
l
a
n
r
e
t
x
e
o
N
S
A
I
B
n
i
pV 4
C
C
8
.
0
-V
RT
e
c
n
a
t
s
i
s
e
r
n
o
it
a
n
i
m
r
e
t
O
E
D
I
V
5
2
.
1
75
75
7
.
8
7
Ω
RT
g
n
i
h
c
t
a
m
e
c
n
a
t
s
i
s
e
r
12
%
V HI
e
g
a
tl
o
v
t
u
p
n
i
h
g
i
H
c
i
g
o
L
1
V 4
C
C
V
0
.
5
=0
.
2V
V LI
e
g
a
tl
o
v
t
u
p
n
i
w
o
L
c
i
g
o
L
1
V 4
C
C
V
0
.
5
=8
.
0V
V H
O
e
g
a
tl
o
v
t
u
p
t
u
o
h
g
i
H
c
i
g
o
L
1
I H
O
V
,
A
m
4
-
=
4
C
C
V
0
.
5
=4
.
4V
V L
O
e
g
a
tl
o
v
t
u
p
t
u
o
w
o
L
c
i
g
o
L
1
I L
O
V
,
A
m
4
=
4
C
C
V
0
.
5
=4
.
0V
Rb R
, p
e
u
l
a
v
r
o
t
s
i
s
e
RV
,
P
U
_
R
W
P
3
C
C
V
0
.
5
=5
.
01
2
MΩ
Rc
V 2
C
C
r
o
t
si
s
e
r
n
w
o
d
-l
l
u
pV 2
C
C
V
0
.
3
=5
.
05
.
13
MΩ
IN
t
n
e
rr
u
c
t
u
p
n
I
s
t
u
p
n
i
O
E
D
I
VV 1
C
C
V
;
V
5
=
N
I
V
=
1
C
C
D
N
G
r
o1
±
µA
s
t
u
p
n
i
C
N
Y
S
V
,
C
N
Y
S
HV 4
C
C
V
;
V
5
=
N
I
V
=
4
C
C
D
N
G
r
o1
±
µA
I FF
O
l
e
v
e
l
,t
n
e
rr
u
c
e
g
a
k
a
e
l
e
t
a
t
s
F
F
OV
( 2
C
C
V
-
N
I
_
C
D
D
)<
V
;
V
4
.
0
C
D
D _ T
U
O
V
=
2
C
C
0
1
µA
T
E
F
N
g
n
it
fi
h
sV
( 2
C
C
V
-
T
U
O
_
C
D
D
)<
V
;
V
4
.
0
C
D
D _ N
I
V
=
2
C
C
0
1
µA
V N
O
l
e
v
e
l
s
s
o
r
c
a
p
o
r
d
e
g
a
tl
o
VV 2
C
C
V
;
V
5
.
2
=
S
I
,
D
N
G
=
S
D
A
m
3
=5
1
.
0V
N
O
d
e
n
r
u
t
n
e
h
w
T
E
F
N
g
n
it
fi
h
s
CNI
e
c
n
a
ti
c
a
p
a
c
t
u
p
n
I
3
3
_
O
E
D
I
V
,
2
_
O
E
D
I
V
,
1
_
O
E
D
I
VV 1
C
C
V
;
V
0
.
5
=
N
I
z
H
M
1
t
a
d
e
r
u
s
a
e
m
;
V
5
.
2
=0
.
4F
p
V 1
C
C
V
;
V
5
.
2
=
N
I
z
H
M
1
t
a
d
e
r
u
s
a
e
m
;
V
5
2
.
1
=5
.
4
t H
L
P
y
a
l
e
d
n
o
it
a
g
a
p
o
r
p
H
-
L
s
r
e
v
ir
d
C
N
Y
SCL
V
;
F
p
0
5
=
C
C
t
t
u
p
n
I
;
V
5
=
r
t
d
n
a
f <
s
n
58
2
1s
n
t L
H
P
y
a
l
e
d
n
o
it
a
g
a
p
o
r
p
L
-
H
s
r
e
v
ir
d
C
N
Y
SCL
V
;
F
p
0
5
=
C
C
t
t
u
p
n
I
;
V
5
=
r
t
d
n
a
f <
s
n
58
2
1s
n
tr t
, f
s
e
m
it
ll
a
f
&
e
si
r
t
u
p
t
u
o
s
r
e
v
ir
d
C
N
Y
SCL
V
;
F
p
0
5
=
C
C
t
t
u
p
n
I
;
V
5
=
r
t
d
n
a
f <
s
n
57
s
n
V D
S
E
e
g
a
tl
o
v
d
n
a
t
s
h
ti
w
D
S
E
3
,
2
V 1
C
C
V
=
3
C
C
V
=
4
C
C
V
5
=8
±V
k



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com