Electronic Components Datasheet Search
  English  ▼

X  

SST4118 Datasheet(PDF) 1 Page - Calogic, LLC

Part # SST4118
Description  N-Channel JFET General Purpose Amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

SST4118 Datasheet(HTML) 1 Page - Calogic, LLC

  SST4118 Datasheet HTML 1Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
N-Channel JFET
General Purpose Amplifier
2N4117 – 2N4119 / 2N4117A – 2N4119A
PN4117 – PN4119 / PN4117A – PN4119A / SST4117 – SST4119
FEATURES
•• Low Leakage
•• Low Capacitance
ABSOLUTE MAXIMUM RATINGS
(TA = 25
oC unless otherwise noted)
Gate-Source or Gate-Drain Voltage . . . . . . . . . . . . . . . . -40V
Gate Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
Storage Temperature Range . . . . . . . . . . . . . -65
oC to +200oC
Operating Temperature Range . . . . . . . . . . . -55
oC to +175oC
Lead Temperature (Soldering, 10sec) . . . . . . . . . . . . . +300
oC
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300mW
Derate above 25
oC . . . . . . . . . . . . . . . . . . . . . . . 2.0mW/oC
NOTE: Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or
any other conditions above those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ORDERING INFORMATION
Part
Package
Temperature Range
2N4117-19/A Hermetic TO-72
-55
oC to +175oC
PN4117-19/A Plastic TO-92
-55
oC to +135oC
SST4117-19
Plastic SOT-23
-55
oC to +135oC
X2N4117-19/A Sorted Chips in Carriers
-55
oC to +175oC
CORPORATION
PIN CONFIGURATION
TO-72
G
D
C
S
ELECTRICAL CHARACTERISTICS (TA = 25
oC unless otherwise specified)
SYMBOL
PARAMETER
4117/A
4118/A
4119/A
UNITS
TEST CONDITIONS
MIN MAX MIN MAX MIN MAX
BVGSS
Gate-Source Breakdown Voltage
-40
-40
-40
V
IG = -1
µA, VDS = 0
IGSS
Gate Reverse Current
-10
-10
-10
pA
A devices
-1
-1
-1
VGS = -20V, VDS = 0
-25
-25
-25
nA
TA = +150
oC
A devices
-2.5
-2.5
-2.5
VGS(off)
Gate-Source Pinch-Off Voltage
-0.6
-1.8
-1
-3
-2
-6
V
VDS = 10V, ID = 1nA
IDSS
Drain Current at Zero Gate Voltage (Note 1)
0.02 0.09 0.08 0.24 0.20 0.60
mA
VDS = 10V, VGS = 0
gfs
Common-Source Forward Transconductance (Note 1)
70
21080250
100
330
µS
VDS = 10V, f = 1kHz
gfs
Common-Source Forward Transconductance (Note 2)
60
70
90
VGS = 0, f = 30MHz
gos
Common-Source Output Conductance
35
10
VDS = 10V, VGS = 0, f = 1kHz
Ciss
Common-Source Input Capacitance (Note 2)
333
pF
VDS = 10V, VGS = 0,
f = 1MHz
Crss
Common-Source Reverse Transfer Capacitance (Note 2)
1.5
1.5
1.5
VDS = 10V, VGS = 0,
f = 1MHz
NOTES: 1. Pulse test: Pulse duration of 2ms used during test.
2. For design reference only, not 100% tested.
D S
G
TO - 92
SOT-23
G
S
D
PRODUCT MARKING (SOT-23)
SST4117
T17
SST4118
T18
SST4119
T19
5007


Similar Part No. - SST4118

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SST4118 VISHAY-SST4118 Datasheet
61Kb / 5P
N-Channel JFETs
28-Jun-04
SST4118 VISHAY-SST4118 Datasheet
74Kb / 6P
N-Channel JFETs
28-Jun-04
logo
Micross Components
SST4118 MICROSS-SST4118 Datasheet
284Kb / 1P
Linear Systems replaces discontinued Siliconix SST4118
logo
Linear Integrated Syste...
SST4118 LINEAR-SST4118 Datasheet
333Kb / 2P
ULTRA-HIGH INPUT IMPEDANCE N-CHANNEL JFET AMPLIFIER
logo
Calogic, LLC
SST4118 CALOGIC-SST4118 Datasheet
33Kb / 1P
N-Channel JFET General Purpose Amplifier
More results

Similar Description - SST4118

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
2N5457 CALOGIC-2N5457 Datasheet
17Kb / 1P
N-Channel JFET General Purpose Amplifier/Switch
J201 CALOGIC-J201 Datasheet
20Kb / 1P
N-Channel JFET General Purpose Amplifier
logo
Intersil Corporation
2N5452 INTERSIL-2N5452 Datasheet
65Kb / 2P
DUAL N-CHANNEL JFET GENERAL PURPOSE AMPLIFIER
2N5902 INTERSIL-2N5902 Datasheet
68Kb / 2P
MONOLITHIC DUAL N CHANNEL JFET GENERAL PURPOSE AMPLIFIER
logo
New Jersey Semi-Conduct...
2N5452 NJSEMI-2N5452 Datasheet
82Kb / 2P
Dual N-Channel JFET General Purpose Amplifier
2N3921 NJSEMI-2N3921 Datasheet
74Kb / 2P
Monolithic Dual N-Channel JFET General Purpose Amplifier
logo
Calogic, LLC
J201 CALOGIC-J201_15 Datasheet
28Kb / 1P
N-Channel JFET General Purpose Amplifier
logo
Linear Integrated Syste...
J210 LINEAR-J210_14 Datasheet
182Kb / 1P
LOW NOISE N-CHANNEL JFET GENERAL PURPOSE AMPLIFIER
logo
Calogic, LLC
2N4117 CALOGIC-2N4117_15 Datasheet
33Kb / 1P
N-Channel JFET General Purpose Amplifier
2N4220 CALOGIC-2N4220_15 Datasheet
67Kb / 1P
N-Channel JFET General Purpose Amplifier/Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com