Electronic Components Datasheet Search
  English  ▼

X  

2N4352 Datasheet(PDF) 1 Page - Calogic, LLC

Part # 2N4352
Description  P-Channel Enhancement Mode MOSFET Amplifier/Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

2N4352 Datasheet(HTML) 1 Page - Calogic, LLC

  2N4352 Datasheet HTML 1Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P-Channel Enhancement Mode
MOSFET Amplifier/Switch
2N4352
FEATURES
•• Low ON Resistance
•• Low Capacitance
•• High Gain
•• P-Channel Complement to 2N4341
ABSOLUTE MAXIMUM RATINGS
(TA = 25
oC unless otherwise noted)
Drain-Source Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25V
Drain-Gate Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V
Gate-Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±30V
Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30mA
Storage Temperature Range . . . . . . . . . . . . . -65
oC to +200oC
Operating Temperature Range . . . . . . . . . . . -55
oC to +150oC
Lead Temperature (Soldering, 10sec) . . . . . . . . . . . . . +300
oC
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300mW
Derate above 25
oC . . . . . . . . . . . . . . . . . . . . . . . . . 1.7mW/oC
NOTE: Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or
any other conditions above those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ORDERING INFORMATION
Part
Package
Temperature Range
2N4352
Hermetic TO-72
-55
oC to +150oC
X2N4352
Sorted Chips in Carriers
-55
oC to +150oC
CORPORATION
PIN CONFIGURATION
TO-72
G
D
C
S
1503
ELECTRICAL CHARACTERISTICS (TA = 25
oC unless otherwise specified)
SYMBOL
PARAMETER
MIN
MAX
UNITS
TEST CONDITIONS
V(BR)DSX
Drain-Source Breakdown Voltage
-25
Vdc
ID = -10
µA, VGS = 0
IDSS
Zero-Gate-Voltage Drain Current
-10
-10
nAdc
µAdc
VDS = -10V, VGS = 0, TA = 25
oC
VDS = -10V, VGS = 0, TA = 150
oC
IGSS
Gate Reverse Current
±10
pA
VGS =
±30V, VDS = 0
VGS(th)
Gate Threshold Voltage
-1.0
-5.0
Vdc
VDS = -10V, ID = -10
µA
VDS(on)
Drain-Source On-Voltage
-1.0
V
ID = -2mA, VGS = -10V
ID(on)
On-State Drain Current
-3.0
mA
VGS = -10V, VDS = -10V
rDS(on)
Drain-Source Resistance
600
ohms
VGS = -10V, ID = 0, f = 1.0kHz
| yfs |
Forward Transfer Admittance
1000
µmho
VDS = -10V, ID = 2.0mA, f = 1.0kHz
Ciss
Input Capacitance
5.0
pF
VDS = -10V, VGS = 0, f = 140MHz
Crss
Reverse Transfer Capacitance
1.3
VDS = 0, VGS = 0, f = 140MHz
Cd(sub)
Drain-Substrate Capacitance
5.0
VD(sub) = -10V, f = 140kHz
td1
Turn-On Delay
45
ns
ID = -2.0mAdc, VDS = -10Vdc
VGS = -10V
tr
Rise Time
65
td2
Turn-Off Delay
60
tf
Fall Time
100
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025


Similar Part No. - 2N4352

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N4352 NJSEMI-2N4352 Datasheet
92Kb / 1P
P-CHANNEL ENHANCEMENT MOSFET
logo
Micross Components
2N4352 MICROSS-2N4352 Datasheet
315Kb / 1P
an enhancement mode N-Channel Mosfet
logo
Calogic, LLC
2N4352 CALOGIC-2N4352 Datasheet
124Kb / 1P
P-Channel Enhancement Mode MOSFET Amplifier/Switch
2N4352 CALOGIC-2N4352_15 Datasheet
124Kb / 1P
P-Channel Enhancement Mode MOSFET Amplifier/Switch
logo
Micross Components
2N4352_TO-72 MICROSS-2N4352_TO-72 Datasheet
315Kb / 1P
an enhancement mode N-Channel Mosfet
More results

Similar Description - 2N4352

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
3N172 CALOGIC-3N172 Datasheet
33Kb / 2P
Diode Protected P-Channel Enhancement Mode MOSFET General Purpose Amplifier/Switch
IT1700 CALOGIC-IT1700 Datasheet
21Kb / 2P
P-Channel Enhancement Mode MOSFET General Purpose Amplifier
3N163 CALOGIC-3N163 Datasheet
28Kb / 2P
P-Channel Enhancement Mode MOSFET General Purpose Amplifier Switch
logo
List of Unclassifed Man...
VP0300M ETC1-VP0300M Datasheet
87Kb / 2P
P-Channel Enhancement Mode Switch
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
logo
Calogic, LLC
2N4352 CALOGIC-2N4352_15 Datasheet
124Kb / 1P
P-Channel Enhancement Mode MOSFET Amplifier/Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com