Electronic Components Datasheet Search
  English  ▼

X  

IRGP4078DPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRGP4078DPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE FOR INDUCTION HEATING AND SOFT SWITCHING APPLICATIONS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4078DPBF Datasheet(HTML) 2 Page - International Rectifier

  IRGP4078DPBF Datasheet HTML 1Page - International Rectifier IRGP4078DPBF Datasheet HTML 2Page - International Rectifier IRGP4078DPBF Datasheet HTML 3Page - International Rectifier IRGP4078DPBF Datasheet HTML 4Page - International Rectifier IRGP4078DPBF Datasheet HTML 5Page - International Rectifier IRGP4078DPBF Datasheet HTML 6Page - International Rectifier IRGP4078DPBF Datasheet HTML 7Page - International Rectifier IRGP4078DPBF Datasheet HTML 8Page - International Rectifier IRGP4078DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
 
IRGP4078DPbF/EP
2
www.irf.com
© 2012 International Rectifier
January 8, 2013
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
600
—
—
V
VGE = 0V, IC = 100µA 
V(BR)CES/TJ Temperature Coeff. of Breakdown Voltage
—
0.45
—
V/°C VGE = 0V, IC = 1mA (25°C-175°C)
VCE(on)
Collector-to-Emitter Saturation Voltage
—
1.9
2.2
V
IC = 50A, VGE = 15V, TJ = 25°C
—
2.5
—
IC = 50A, VGE = 15V, TJ = 150°C
  
—
2.6
—
IC = 50A, VGE = 15V, TJ = 175°C
VGE(th)
Gate Threshold Voltage
4.0
—
6.5
V
VCE = VGE, IC = 1.0mA
gfe
Forward Transconductance
—
26
—
S
VCE = 50V, IC = 50A, PW = 20µs
ICES
Collector-to-Emitter Leakage Current
—
1.0
80
µA
VGE = 0V, VCE = 600V
  
—
600
—
VGE = 0V, VCE = 600V, TJ = 175°C
VFM
Diode Forward Voltage Drop
—
1.17
1.30
V
IF = 25A
—
1.06
—
IF = 25A, TJ = 175°C
IGES
Gate-to-Emitter Leakage Current
—
—
±100
nA
VGE = ±20V
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max.
Units
Conditions
Qg
Total Gate Charge (turn-on)
—
61
92
IC = 50A
Qge
Gate-to-Emitter Charge (turn-on)
—
20
30
nC 
VGE = 15V
Qgc
Gate-to-Collector Charge (turn-on)
—
22
33
 
VCC = 300V
Eoff
Turn-Off Switching Loss
—
1.1
1.4
mJ
IC = 50A, VCC = 400V, VGE = 15V
RG = 10, L = 210µH, TJ = 25°C
td(off)
Turn-Off delay time
—
116
—
ns 
Energy losses include tail & diode 
tf
Fall time
—
33
—
 
reverse recovery
Eoff
Turn-Off Switching Loss
—
1.5
—
mJ
IC = 50A, VCC = 400V, VGE=15V
RG = 10, L = 210µH, TJ = 175°C
td(off)
Turn-Off delay time
—
113
—
ns
Energy losses include tail & diode 
tf
Fall time
—
54
—
 
reverse recovery
Cies
Input Capacitance
—
2105
—
VGE = 0V
Coes
Output Capacitance
—
131
—
pF
VCC = 30V
Cres
Reverse Transfer Capacitance
—
59
—
f = 1.0Mhz
TJ = 175°C, IC = 200A
RBSOA
Reverse Bias Safe Operating Area
FULL SQUARE
VCC = 480V, Vp ≤ 600V
Rg = 10
, VGE = +20V to 0V
SCSOA
Short Circuit Safe Operating Area
5
—
—
µs
VCC = 400V, Vp ≤ 600V
Rg = 10
, VGE = +15V to 0V
Notes:
VCC = 80% (VCES), VGE = 20V, L = 23µH, RG = 10.
Pulse width limited by max. junction temperature.
Refer to AN-1086 for guidelines for measuring V(BR)CES safely.
fsw = 20KHz, refer to figure 19.
Ris measured at TJ of approximately 90°C.
Sinusoidal half wave, t = 10ms.
Thermal Resistance
  
 
Parameter
Min.
Typ.
Max.
Units
RθJC (IGBT) Thermal Resistance Junction-to-Case-(each IGBT)
–––
–––
0.54
RθJC (Diode) Thermal Resistance Junction-to-Case-(each Diode)
–––
–––
2.55
°C/W
RθCS
Thermal Resistance, Case-to-Sink (flat, greased surface)
–––
0.24
–––
RθJA
Thermal Resistance, Junction-to-Ambient (typical socket mount)
–––
–––
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com