Electronic Components Datasheet Search
  English  ▼

X  

SST4392 Datasheet(PDF) 2 Page - Calogic, LLC

Part # SST4392
Description  N-Channel JFET Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

SST4392 Datasheet(HTML) 2 Page - Calogic, LLC

  SST4392 Datasheet HTML 1Page - Calogic, LLC SST4392 Datasheet HTML 2Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS (TA = 25
oC unless otherwise specified)
SYMBOL
PARAMETER
4391
4392
4393
UNITS
TEST CONDITIONS
MIN MAX MIN MAX MIN MAX
IGSS
Gate Reverse Current
-100
-100
-100
pA
VGS = -20V, VDS = 0
-200
-200
-200
nA
TA = 150
oC
BVGSS
Gate-Source Breakdown Voltage
-40
-40
-40
V
IG = -1
µA, VDS = 0
ID(off)
Drain Cutoff Current
100
100
100
pA
VDS = 20V
VGS = -5V (4393)
VGS = -7V (4392)
200
200
200
nA
VGS = -12V (4391)
TA = 150
oC
VGS(f)
Gate-Source Forward Voltage
111
V
IG = 1mA, VDS = 0
VGS(off)
Gate-Source Cutoff Voltage
-4
-10
-2
-5
-0.5
-3
VDS = 20V, ID = 1nA
IDSS
Saturation Drain Current (Note 1)
50
150
25
75
5
30
mA
VDS = 20V, VGS = 0
VDS(on)
Drain-Source ON Voltage
0.4
0.4
0.4
V
VGS = 0
ID = 3mA (4393)
ID = 6mA (4392)
ID = 12mA (4391)
rDS(on)
Static Drain-Source ON
Resistance
30
60
100
Ω
VGS = 0, ID = 1mA
rds(on)
Drain-Source ON Resistance
30
60
100
VGS = 0, ID = 0
f = 1kHz
Ciss
Common-Source Input
Capacitance (Note 2)
14
14
14
pF
VDS = 20V, VGS = 0
f = 1MHz
Crss
Common-Source Reverse
Transfer Capacitance (Note 2)
3.5
VDS = 0
VGS = -5V
3.5
VGS = -7V
3.5
VGS = -12V
td
Turn-ON Delay Time (Note 2)
15
15
15
ns
VDD = 10V, VGS(on) = 0
ID(on)
VGS(off)
4391
12mA
-12V
4392
6
-7
4393
3
-5
tr
Rise Time (Note 2)
555
toff
Turn-OFF Delay Time (Note 2)
20
35
50
tf
Fall Time (Note 2)
15
20
30
NOTES: 1. Pulse test required, pulse width = 300
µs, duty cycle ≤3%.
2. For design reference only, not 100% tested.
2N4391 – 2N4393 / PN4391 – PN4393
SST4391 – SST4393
CORPORATION
SWITCHING TIMES TEST CIRCUIT
51
Ω
51
Ω
1 k
Ω
PULSE
IN
51
Ω
SCOPE
V
IN
1000pF
V
OUT
R
L
D
=
9.6
R
L
D(ON)
I
V
0010
- 51
Ω
DD



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com