Electronic Components Datasheet Search
  English  ▼

X  

2N5115 Datasheet(PDF) 2 Page - Calogic, LLC

Part # 2N5115
Description  P-Channel JFET Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

2N5115 Datasheet(HTML) 2 Page - Calogic, LLC

  2N5115 Datasheet HTML 1Page - Calogic, LLC 2N5115 Datasheet HTML 2Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N5114 – 2N5116
CORPORATION
ELECTRICAL CHARACTERISTICS (TA = 25
oC unless otherwise specified) (Continued)
SYMBOL
PARAMETER
2N5114
2N5115
2N5116
UNITS
TEST CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
IDSS
Drain Current at Zero Gate Voltage
(Note 1)
-30
-90
-15
-60
-5
-25
mA
VGS = -0
VDS = -18V (2N5114)
VDS = -15V (2N5115)
VDS = -15V (2N5116)
VGS(f)
Forward Gate-Source Voltage
-1
-1
-1
V
IG = -1mA, VDS = 0
VDS(on)
Drain-Source ON Voltage
-1.3
-0.8
-0.6
VGS = 0
ID = -15mA (2N5114)
ID = -7mA (2N5115)
ID = -3mA (2N5116)
rDS(on)
Static Drain-Source ON Resistance
75
100
150
Ω
VGS = 0, ID = -1mA
rds(on)
Small-Signal Drain-Source ON
Resistance
75
100
150
VGS = 0, ID = 0, f = 1kHz
Ciss
Common-Source Input Capacitance
(Note 2)
25
25
25
pF
VDS = -15V, VGS = 0,
f = 1mHz
Crss
Common-Source Reverse Transfer
Capacitance (Note 2)
77
7
VDS = 0
VGS = 12V (2N5114)
VGS = 7V (2N5115)
VGS = 5V (2N5116)
f = 1mHz
NOTES 1. Pulse test; duration = 2ms.
2. For design reference only, not 100% tested.
TEST CONDITIONS
2N5114
2N5115
2N5116
VDD
-10V
-6V
-6V
VGG
20V
12V
8V
RL
430
Ω
910
Ω
2K
Ω
RG
100
Ω
220
Ω
390
Ω
ID(ON)
-15mA
-7mA
-3mA
VIN
-12V
-7V
-5V
INPUT
OUTPUT
-6V
10%
90%
90%
10%
V
IN
r
t
d
t
r
t
10%
OFF
t
0040
V
DS(ON)
V
DD
51
Ω
1.2K
1.2K
51
Ω
SAMPLING
SCOPE
0.1
µF
0050
V
GG
IN
51
Ω
7.5K
V
SAMPLING SCOPE
RISE TIME 0.4ns
INPUT RESISTANCE 10M
Ω
INPUT CAPACITANCE 1.5pF
R
L
G
R
TYPICAL PERFORMANCE CHARACTERISTICS
0080
4.0
3.0
2.0
1,000
3,000
10,000
30,000
100,000
10.0
9.0
8.0
7.0
6.0
5.0
V
DS = 20V
V
GS = 0
(pulsed)
1.0
0.9
0.8
0.7
0.6
0.5
V
p vs gfs
g
fs (µV)
0070
4.0
3.0
2.0
1
3
10
30
100
10.0
9.0
8.0
7.0
6.0
5.0
V
DS = 20V
V
GS = 0
(pulsed)
1.0
0.9
0.8
0.7
0.6
0.5
V
p vs IDSS
DSS
t
(mA)
0060
4.0
3.0
2.0
10
30
100
300
1,000
1.0
0.9
0.8
0.7
0.6
0.5
10.0
9.0
8.0
7.0
6.0
5.0
DS(ON)
r
(ohms)
V
DS
V
GS
= 0.1V
= 0
V
p
DS(ON)
vs r



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com