Electronic Components Datasheet Search
  English  ▼

X  

3N191 Datasheet(PDF) 1 Page - Calogic, LLC

Part # 3N191
Description  Dual P-Channel Enhancement Mode MOSFET General Purpose Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

3N191 Datasheet(HTML) 1 Page - Calogic, LLC

  3N191 Datasheet HTML 1Page - Calogic, LLC 3N191 Datasheet HTML 2Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dual P-Channel
Enhancement Mode MOSFET
General Purpose Amplifier
3N190 / 3N191
FEATURES
•• Very High Input Impedance
•• High Gate Breakdown 3N190-3N191
•• Low Capacitance
ABSOLUTE MAXIMUM RATINGS
(TA = 25
oC unless otherwise specified)
Drain-Source or Drain-Gate Voltage (Note 1)
3N190, 3N191 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40V
Transient Gate-Source Voltage (Note 1 and 2) . . . . . . .
±125V
Gate-Gate Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±80V
Drain Current (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
Storage Temperature . . . . . . . . . . . . . . . . . . . -65
oC to +200oC
Operating Temperature . . . . . . . . . . . . . . . . . -55
oC to +150oC
Lead Temperature (Soldering, 10sec) . . . . . . . . . . . . . +300
oC
Power Dissipation
One Side . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300mW
Both Sides . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 525mW
Total Derating above 25
oC. . . . . . . . . . . . . . . . . . 4.2mW/oC
NOTE: Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or
any other conditions above those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ORDERING INFORMATION
Part
Package
Temperature Range
3N190-91
Hermetic TO-99
-55
oC to +150oC
X3N190-91 Sorted Chips in Carriers
-55
oC to +150oC
CORPORATION
PIN CONFIGURATION
S2
G1
D2
D1
G2
S1
C
TO-99
2506
ELECTRICAL CHARACTERISTICS (TA = 25
oC and VBS = 0 unless otherwise specified)
SYMBOL
PARAMETER
3N190/91
UNITS
TEST CONDITIONS
MIN
MAX
IGSSR
Gate Reverse Current
10
pA
VGS = 40V
IGSSF
Gate Forward Current
-10
VGS = -40V
-25
TA = +125
oC
BVDSS
Drain-Source Breakdown Voltage
-40
V
ID = -10
µA
BVSDS
Source-Drain Breakdown Voltage
-40
IS = -10
µA, VBD = 0
VGS(th)
Threshold Voltage
-2.0
-5.0
VDS = -15V, ID = -10
µA
-2.0
-5.0
VDS = VGS, ID = -10
µA
VGS
Gate Source Voltage
-3.0
-6.5
VDS = -15V, ID = -500
µA
IDSS
Zero Gate Voltage Drain Current
-200
VDS = -15V
ISDS
Source Drain Current
-400
VSD = -15V, VDB = 0
rDS(on)
Drain-Source on Resistance
300
ohms
VDS = -20V, ID = -100
µA
ID(on)
On Drain Current
-5.0
-30.0
mA
VDS = -15V, VGS = -10V


Similar Part No. - 3N191

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
3N191 LINEAR-3N191 Datasheet
274Kb / 2P
P-CHANNEL DUAL MOSFET ENHANCEMENT MODE
logo
Intersil Corporation
3N191 INTERSIL-3N191 Datasheet
75Kb / 2P
DUAL P CHANNEL ENHANCEMENT MODE MOSFET
3N191 INTERSIL-3N191 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
New Jersey Semi-Conduct...
3N191 NJSEMI-3N191 Datasheet
71Kb / 1P
DUAL MATCHED P-CHANNEL ENHANCEMENT MODE MOS FETS
logo
Micross Components
3N191 MICROSS-3N191 Datasheet
295Kb / 1P
a monolithic dual enhancement mode P-Channel Mosfet
More results

Similar Description - 3N191

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
2N4351 CALOGIC-2N4351 Datasheet
18Kb / 1P
N-Channel Enhancement Mode MOSFET General Purpose Amplifier/Switch
3N165 CALOGIC-3N165 Datasheet
26Kb / 2P
Monolithic Dual P-Channel Enhancement Mode MOSFET General Purpose Amplifier
3N172 CALOGIC-3N172 Datasheet
33Kb / 2P
Diode Protected P-Channel Enhancement Mode MOSFET General Purpose Amplifier/Switch
IT1700 CALOGIC-IT1700 Datasheet
21Kb / 2P
P-Channel Enhancement Mode MOSFET General Purpose Amplifier
IT1750 CALOGIC-IT1750 Datasheet
17Kb / 1P
N-Channel Enhancement Mode MOSFET General Purpose Amplifier Switch
logo
Linear Integrated Syste...
3N190-1 LINEAR-3N190-1 Datasheet
274Kb / 2P
P-CHANNEL DUAL MOSFET ENHANCEMENT MODE
logo
Calogic, LLC
3N163 CALOGIC-3N163 Datasheet
28Kb / 2P
P-Channel Enhancement Mode MOSFET General Purpose Amplifier Switch
logo
SYNC POWER Crop.
SPP6308 SYNC-POWER-SPP6308 Datasheet
213Kb / 8P
Dual P-Channel Enhancement Mode MOSFET
SPP6308 SYNC-POWER-SPP6308_08 Datasheet
218Kb / 8P
Dual P-Channel Enhancement Mode MOSFET
logo
Calogic, LLC
2N4351 CALOGIC-2N4351_15 Datasheet
18Kb / 1P
N-Channel Enhancement Mode MOSFET General Purpose Amplifier/Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com