Electronic Components Datasheet Search
  English  ▼

X  

CL431S Datasheet(PDF) 5 Page - Calogic, LLC

Part # CL431S
Description  Precision Adjustable Shunt Reference
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CL431S Datasheet(HTML) 5 Page - Calogic, LLC

  CL431S Datasheet HTML 1Page - Calogic, LLC CL431S Datasheet HTML 2Page - Calogic, LLC CL431S Datasheet HTML 3Page - Calogic, LLC CL431S Datasheet HTML 4Page - Calogic, LLC CL431S Datasheet HTML 5Page - Calogic, LLC CL431S Datasheet HTML 6Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CL431
CORPORATION
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
TYPICAL PERFORMANCE CURVES (continued)
70
0
10
1G-47
NOISE VOLTAGE
100k
f – FREQUENCY (Hz)
60
50
40
30
20
10
10k
1k
100
VKA = VREF
= 10mA
TA = 25˚C
I K
0.150
0.0
–60
1G-48
LOW FREQUENCY DYNAMIC
OUTPUT IMPEDANCE
–30
0
306090
120
0.125
0.100
0.075
0.050
0.025
VKA = VREF
= 1 TO 100mA
f
≤ 1kHz
I KA
– FREE AIR TEMPERATURE
TA
100
0.01
1k
1G-49
DYNAMIC OUTPUT
IMPEDANCE
10M
f – FREQUENCY (Hz)
1M
100k
10k
10
1.0
0.1
TA = 25˚C
= 1 TO 100mA
I K
70
0
1k
1G-50
SMALL SIGNAL GAIN
vs FREQUENCY
10M
f – FREQUENCY (Hz)
60
50
40
30
20
10
1M
100k
10k
I K = 10mA
TA = 25˚C
1H-01
K
I
230
Ω
GND
OUT
15k
8.25k
9
µF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com