Electronic Components Datasheet Search
  English  ▼

X  

CLM1117 Datasheet(PDF) 4 Page - Calogic, LLC

Part # CLM1117
Description  800mA Low Dropout Regulator SCSI-II Active Terminator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CLM1117 Datasheet(HTML) 4 Page - Calogic, LLC

  CLM1117 Datasheet HTML 1Page - Calogic, LLC CLM1117 Datasheet HTML 2Page - Calogic, LLC CLM1117 Datasheet HTML 3Page - Calogic, LLC CLM1117 Datasheet HTML 4Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ACTIVE VS PASSIVE TERMINATION
The improvement in noise immunity and low quiescent power
of the terminator of less than 1W is the key advantage of
active termination compared to passive termination.
The
CLM1117 significantly improves the noise level and signals on
the bus by the terminating point due to variations in voltage at
the termination point due to variation in the Vterm power line.
Another advantage of active termination is the improvement in
the impedance matching. The low impedance of the device
makes the termination resistance more closely matched to the
impedance of the cable.
This improvement increases the
data rate by 10 times, from 1mbyte/s to 10mbyte/s.
The
CLM1117 increases the protection and the reliability of the
application
since
it
features
internal
current
limiting,
overvoltage protection, and thermal protection.
CLM1117
ACTIVE TERMINATION CONFIGURATION
5V
IN5817
TERMPWR
CLM1117-2.85
10
µF
2.85V
110K
Ω
+
6 METERS MAX
10
µF
5V
IN5817
CLM1117-2.85
10
µF
2.85V
110K
Ω
+
10
µF
110K
Ω
6 METERS MAX
110K
Ω
110K
Ω
110K
Ω
UP TO 27 LINES
+
+
1N-15
CORPORATION
Information furnished by Calogic is believed to be accurate and reliable. However, no responsibility is assumed for its use: nor for any infringement of patents or other
rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent rights of Calogic.
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com