Electronic Components Datasheet Search
  English  ▼

X  

CLM2830AT Datasheet(PDF) 3 Page - Calogic, LLC

Part # CLM2830AT
Description  3.0A Low Dropout Voltage Regulator Adjustable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CLM2830AT Datasheet(HTML) 3 Page - Calogic, LLC

  CLM2830AT Datasheet HTML 1Page - Calogic, LLC CLM2830AT Datasheet HTML 2Page - Calogic, LLC CLM2830AT Datasheet HTML 3Page - Calogic, LLC CLM2830AT Datasheet HTML 4Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CLM2830
CORPORATION
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
TEMPERATURE (˚C)
0.10
–0.20
–50
150
1E-42
LOAD REGULATION
0.05
0
–0.05
–0.10
–0.15
–25
0
25
50
75 100 125
∆I = 3A
INPUT/OUTPUT DIFFERENTIAL (V)
6
0
035
1E-43
SHORT CIRCUIT CURRENT
5
4
3
2
1
5
1015
202530
25˚C
150˚C
–55˚C
IFULL LOAD
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (˚C)
1E-44
ADJUSTMENT PIN CURRENT
–50
150
–25
0
25
50
75 100 125
100
0
10
20
30
40
50
60
70
80
90
OUTPUT CURRENT (A)
1E-45
DROPOUT VOLTAGE
04
1
2
3
2
0
1
0˚C
≤ TJ ≤ 125˚C
TJ = 25˚C
TJ = –55˚C
TJ = 150˚C
INDICATES GUARANTEED TEST POINT
–55˚C
≤ TJ ≤ 150˚C
TEMPERATURE (˚C)
1.270
1.230
–50
150
1E-46
TEMPERATURE STABILITY
–25
0
25
50
75 100 125
1.240
1.260
1.250
INPUT/OUTPUT DIFFERENTIAL (V)
10
0
035
1E-47
MINIMUM
OPERATING CURRENT
1
2
3
4
5
6
7
8
9
5
1015
202530
TJ = –55˚C
TJ = 25˚C
TJ = 150˚C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com