Electronic Components Datasheet Search
  English  ▼

X  

CLM2950 Datasheet(PDF) 6 Page - Calogic, LLC

Part # CLM2950
Description  150mA Low Dropout Voltage Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CLM2950 Datasheet(HTML) 6 Page - Calogic, LLC

Back Button CLM2950 Datasheet HTML 2Page - Calogic, LLC CLM2950 Datasheet HTML 3Page - Calogic, LLC CLM2950 Datasheet HTML 4Page - Calogic, LLC CLM2950 Datasheet HTML 5Page - Calogic, LLC CLM2950 Datasheet HTML 6Page - Calogic, LLC CLM2950 Datasheet HTML 7Page - Calogic, LLC CLM2950 Datasheet HTML 8Page - Calogic, LLC CLM2950 Datasheet HTML 9Page - Calogic, LLC CLM2950 Datasheet HTML 10Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CLM2950 / CLM2951
CORPORATION
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
2.2
1.6
150
1E-08
MINIMUM
OPERATING VOLTAGE
–50
0
50
100
2.0
1.8
1.7
2.1
1.9
TEMPERATURE (˚C)
–25
25
75
125
–75
INPUT VOLTAGE (V)
160
0
08
1E-10
GROUND PIN CURRENT
1
2
3
4
5
6
7
20
40
60
100
120
140
80
IL = 1mA
IL = 0
TEMPERATURE (˚C)
5.06
4.94
5.0
–75
150
1E-09
OUTPUT VOLTAGE vs
TEMPERATURE OF 3
REPRESENTATIVE UNITS
4.96
4.98
5.02
5.04
–50 –25 0
25 50 75 100 125
0.2%
FREQUENCY (Hz)
1E-11
OUTPUT IMPEDANCE
10
0.01
10
1M
100
1K
100K
10K
0.1
1
0.02
0.05
0.2
0.5
2
5
CL = 4.7µF
IO = 100µA
IO = 1mA
IO = 100mA
VOUT = 5V
FREQUENCY (Hz)
90
20
1E-13
RIPPLE REJECTION
80
70
60
50
40
30
106
105
104
103
102
101
IL = 1mA
CL = 1.5µF
VIN = 6V
IL = 10mA
VOUT = 5V
FREQUENCY (Hz)
90
20
1E-12
RIPPLE REJECTION
80
70
60
50
40
30
106
105
104
103
102
101
CL = 1.5µF
IL = 0
IL = 100µA
VOUT = 5V
VIN = 6V
FREQUENCY (Hz)
80
10
1E-14
RIPPLE REJECTION
70
60
50
40
30
20
106
105
104
103
102
101
CL = 1.5µF
VIN = 6V
VOUT = 5V
IL = 50µA
IL = 100mA
TEMPERATURE (˚C)
–75
150
1E-16
DIVIDER RESISTANCE
–50 –25 0
25 50 75 100 125
400
0
100
300
200
FREQUENCY (Hz)
3.5
0.0
1E-15
OUTPUT NOISE
3.0
2.5
2.0
1.5
1.0
0.5
105
102
104
103
IL = 100mA
CL = 4.7µF
CL = 3.3µF
0.01mF
BYPASS
PIN 1 TO
PIN 7
CL = 220µF
TYPICAL PERFORMANCE CHARACTERISTICS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com