Electronic Components Datasheet Search
  English  ▼

X  

L6924U Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6924U
Description  USB compatible battery charger system with integrated power switch for Li-Ion/Li-Polymer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924U Datasheet(HTML) 1 Page - STMicroelectronics

  L6924U Datasheet HTML 1Page - STMicroelectronics L6924U Datasheet HTML 2Page - STMicroelectronics L6924U Datasheet HTML 3Page - STMicroelectronics L6924U Datasheet HTML 4Page - STMicroelectronics L6924U Datasheet HTML 5Page - STMicroelectronics L6924U Datasheet HTML 6Page - STMicroelectronics L6924U Datasheet HTML 7Page - STMicroelectronics L6924U Datasheet HTML 8Page - STMicroelectronics L6924U Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
September 2010
Doc ID 14716 Rev 2
1/37
37
L6924U
USB compatible battery charger system
with integrated power switch for Li-Ion/Li-Polymer
Features
■ Fully integrated solution, with power MOSFET,
reverse blocking diode, sense resistor, and
thermal protection
■ Charges single-cell Li-Ion batteries from
selectable AC adapter or USB input
■ Programmable charge current up to 1 A in AC
adapter mode
■ Programmable charging current in USB mode
for both high power and low power inputs
■ 4.2 V output voltage with ± 1 % accuracy
■ Linear or quasi-pulse operating mode
■ Closed loop thermal control
■ Programmable end-of-charge current
■ Programmable charge timer
■ (NTC) or (PTC) thermistor interface for battery
temperature monitoring and protection
■ Status outputs to drive LEDs or to interface
with a host processor
■ Small VFQFPN 16-leads package (3 x 3 mm)
Applications
■ PDAs, GPS and MP3 players
■ USB powered devices
■ Cellular phones
■ Digital still cameras
■ Standalone chargers
■ Wireless appliances
VFQFPN16
Table 1.
Device summary
Order codes
Package
Packaging
L6924U013
VFQFPN16
Tube
L6924U013TR
Tape and reel
www.st.com


Similar Part No. - L6924U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6924U STMICROELECTRONICS-L6924U Datasheet
600Kb / 38P
USB compatible battery charger system with integrated power switch for Li-Ion/Li-Polymer
20-May-2008
L6924U013TR STMICROELECTRONICS-L6924U013TR Datasheet
600Kb / 38P
USB compatible battery charger system with integrated power switch for Li-Ion/Li-Polymer
20-May-2008
More results

Similar Description - L6924U

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
Li-ion/Li Polymer Battery Charger
July 25, 2005
logo
STMicroelectronics
L6924D STMICROELECTRONICS-L6924D Datasheet
73Kb / 5P
Li-Ion/Li-Polymer Battery Charger System with Integrated Power Switch
12-Jul-2005
L6924D STMICROELECTRONICS-L6924D_07 Datasheet
1Mb / 38P
Battery charger system with integrated power switch for Li-ION/Li-POLYMER
29-Jun-2007
L6924U STMICROELECTRONICS-L6924U Datasheet
600Kb / 38P
USB compatible battery charger system with integrated power switch for Li-Ion/Li-Polymer
20-May-2008
EVAL6924D STMICROELECTRONICS-EVAL6924D Datasheet
114Kb / 4P
EVAL6924D Battery charger system with integrated Power Switch for Li-ION/Li-POLYMER
21-Nov-2006
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
Li-ion/Li Polymer Battery Charger
Nov.3.20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com