Electronic Components Datasheet Search
  English  ▼

X  

CLM4102 Datasheet(PDF) 4 Page - Calogic, LLC

Part # CLM4102
Description  Low Power, 400MHz High Speed Buffer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CLM4102 Datasheet(HTML) 4 Page - Calogic, LLC

  CLM4102 Datasheet HTML 1Page - Calogic, LLC CLM4102 Datasheet HTML 2Page - Calogic, LLC CLM4102 Datasheet HTML 3Page - Calogic, LLC CLM4102 Datasheet HTML 4Page - Calogic, LLC CLM4102 Datasheet HTML 5Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CORPORATION
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (MHz)
1
VOLTAGE GAIN vs FREQUENCY FOR
VARIOUS RESISTIVE LOADS
1000
10
5
0
-5
-10
10
100
-15
CL = 2pF
VS = ±15V
TA = 25˚C
VO = 100mV
RL = 100Ω
RL = 500Ω
RL = 2K
± SUPPLY VOLTAGE (VOLTS)
0
-3dB BANDWIDTH
vs SUPPLY VOLTAGE
280
270
260
250
240
515
230
10
20
TA = 25˚C
RL = 100Ω
LOAD CAPACITANCE (PF)
1
SLEW RATE vs
LOAD CAPACITANCE
1000
10000
8000
6000
4000
2000
10
100
0
+SR
-SR
RL = 100Ω
VS = ±15V
TA = 25˚C
FREQUENCY (MHz)
1
PHASE SHIFT vs FREQUENCY FOR
VARIOUS CAPACITIVE LOADS
1000
0
-20
-40
-60
-80
10
100
-100
RL = 100Ω
VS = ±15V
TA = 25˚C
VO = 100mV
CL = 0pF
CL = 50pF
= 200pF
CL
CLM4102 / CLM4302
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-1076



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com