Electronic Components Datasheet Search
  English  ▼

X  

CLM4121M Datasheet(PDF) 4 Page - Calogic, LLC

Part # CLM4121M
Description  High Speed Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CLM4121M Datasheet(HTML) 4 Page - Calogic, LLC

  CLM4121M Datasheet HTML 1Page - Calogic, LLC CLM4121M Datasheet HTML 2Page - Calogic, LLC CLM4121M Datasheet HTML 3Page - Calogic, LLC CLM4121M Datasheet HTML 4Page - Calogic, LLC CLM4121M Datasheet HTML 5Page - Calogic, LLC CLM4121M Datasheet HTML 6Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CORPORATION
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (MHz)
110
25
BANDWIDTH
(LARGE SIGNAL & POWER)
20
50
400
100 200
24
18
12
6
0
30
RL = 50Ω
RL = 10K
SUPPLY VOLTAGE (±V)
2
SUPPLY VOLTAGE
vs BANDWIDTH
0
4
6
8
10 12 14 16 18 20
300
280
260
240
220
200
180
160
140
120
100
80
60
40
20
RL = 50Ω
RL = 1K
SUPPLY VOLTAGE (±V)
1
SUPPLY VOLTAGE
vs SUPPLY CURRENT
0
3579 11 13 15 17
11
10
9
8
7
6
5
4
3
2
1
19
INPUT VOLTAGE
vs SLEW RATE
0.0
4500
VIN (V
)
P-P
2
6
10
14
18
22
4000
3500
3000
2500
2000
1500
1000
500
RL = 50Ω
RL = 1K
FREQUENCY (MHz)
110
25
FREQUENCY RESPONSE
20
50
400
100 200
0
-2
-4
-6
-8
64
48
32
16
0
80
RL = 1K
VIN ≤ 100mV
CL ≤ 10pF
Tj = 25˚C
FREQUENCY (MHz)
110
25
FREQUENCY RESPONSE
20
50
400
100 200
0
-2
-4
-6
-8
80
60
40
20
0
RL = 50Ω
VIN ≤ 100mV
CL ≤ 10pF
Tj = 25˚C
CLM4121 / CLM4321
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-1076



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com