Electronic Components Datasheet Search
  English  ▼

X  

CLM4420 Datasheet(PDF) 4 Page - Calogic, LLC

Part # CLM4420
Description  High Speed MOSFET Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CLM4420 Datasheet(HTML) 4 Page - Calogic, LLC

  CLM4420 Datasheet HTML 1Page - Calogic, LLC CLM4420 Datasheet HTML 2Page - Calogic, LLC CLM4420 Datasheet HTML 3Page - Calogic, LLC CLM4420 Datasheet HTML 4Page - Calogic, LLC CLM4420 Datasheet HTML 5Page - Calogic, LLC CLM4420 Datasheet HTML 6Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CLM4420 / CLM4429
CORPORATION
RISE TIME vs
SUPPLY VOLTAGE
120
0
5
15
1L-14
VDD (V)
100
80
60
40
20
7
911
13
C = 2200 pF
L
C = 4700 pF
L
C = 10,000 pF
L
RISE AND FALL TIMES
vs TEMPERATURE
50
0
-60
140
1L-16
40
30
20
10
-20
20
60
100
TA(˚C)
CL = 2200pF
VDD = 18V
t FALL
t RISE
FALL TIME vs
SUPPLY VOLTAGE
100
0
5
15
1L-15
VDD (V)
80
60
40
20
7
911
13
C = 2200 pF
L
C = 4700 pF
L
C = 10,000 pF
L
TYPICAL CHARACTERISTICS CURVES
RISE TIME vs
CAPACITIVE LOAD
100
10
1000
10,000
1L-17
40
20
CAPACITVE LOAD (pF)
80
60
V
= 5V
DD
V
= 12V
DD
V
= 18V
DD
PROPAGATION DELAY TIME
vs SUPPLY VOLTAGE
65
35
618
1A-16
45
40
SUPPLY VOLTAGE (V)
55
50
60
8
101214
16
4
tD1
tD2
FALL TIME vs
CAPACITIVE LOAD
100
10
1000
10,000
1L-18
40
20
CAPACITVE LOAD (pF)
80
60
V
= 5V
DD
V
= 12V
DD
V
= 18V
DD
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com