Electronic Components Datasheet Search
  English  ▼

X  

CLM7660CP Datasheet(PDF) 6 Page - Calogic, LLC

Part # CLM7660CP
Description  DC-to-DC Voltage Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CLM7660CP Datasheet(HTML) 6 Page - Calogic, LLC

  CLM7660CP Datasheet HTML 1Page - Calogic, LLC CLM7660CP Datasheet HTML 2Page - Calogic, LLC CLM7660CP Datasheet HTML 3Page - Calogic, LLC CLM7660CP Datasheet HTML 4Page - Calogic, LLC CLM7660CP Datasheet HTML 5Page - Calogic, LLC CLM7660CP Datasheet HTML 6Page - Calogic, LLC CLM7660CP Datasheet HTML 7Page - Calogic, LLC CLM7660CP Datasheet HTML 8Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CLM7660
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
CORPORATION
FIGURE 11. POSITIVE VOLTAGE CONVERSION
1
2
3
8
7
6
45
CLM7660
1
C
10
µF
+
+
10
µF
–
V
INPUT
1M
Ω
OUT
V
= –V
–
1J-50
FIGURE 13A. FIXED POWER SUPPLY OPERATION
OF CLM7106 A-D
+
V
1K-02
31
30
32
35
36
LCD
DRIVE
(–5V)
1
10
mF
CLM7660
2
4
5
3
+
26
10
mF
+
IN
V
+
V
IN LO
IN HI
COM
REF LO
REF IN
CLM7106
3-1/2 DIGIT
A-D
+5V
CA1004
8
FIGURE 12. SPLITTING A SUPPLY IN HALF
1
2
3
8
7
6
45
CLM7660
1K-01
50
µF
+
+
50
µF
50
µF
+
L1
R
L2
R
1M
Ω
+
V
OUT
V=
2
+
V
–
– V
–
V
100k
Ω
100k
Ω
FIGURE 13B. NEGATIVE POWER SUPPLY GENERATION FOR 3 1/2 DIGIT A-D
1K-03
31
30
32
35
36
LED
DRIVE
1
21
IN
V
IN LO
IN HI
COM
REF LO
REF IN
+5V
COMMON ANODE
LED DISPLAY
GND
35
4
2
CLM7660
8
+
V
+
26
–
V
+
CLM7107A
3-1/2 DIGIT
A-D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com