Electronic Components Datasheet Search
  English  ▼

X  

CLM4041D Datasheet(PDF) 1 Page - Calogic, LLC

Part # CLM4041D
Description  Precision Micropower Bandgap Shunt Reference
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CLM4041D Datasheet(HTML) 1 Page - Calogic, LLC

  CLM4041D Datasheet HTML 1Page - Calogic, LLC CLM4041D Datasheet HTML 2Page - Calogic, LLC CLM4041D Datasheet HTML 3Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Precision Micropower
Bandgap Shunt Reference
CLM4041
FEATURES
•• Low Voltage Operation . . . . . . . . . . . . . . . . . . . . . 1.225V
•• Trimmed Bandgap Design . . . . . . . . . . . . . . . . . . . . 0.1%
•• Wide Operating Current Range . . . . . . . . 60µA to 20mA
•• Low Dynamic Impedance . . . . . . . . . . . . . . . . . . . . 0.25Ω
•• Available in SOT-23, TO-92 and SO-8
APLICATIONS
•• Cellular Phunes
•• Portable Computers
•• Instrumentation
•• Automotive
DESCRIPTION
The CLM4041 is a two terminal precision voltage reference
with thermal stability guaranteed over temperature, a typical
dynamic impedance of 0.25
Ω and very sharp turn-on
characteristics. The device has a fixed output of 1.225V for
input currents between 60
µA to 20mA and is an excellent
choice for battery operated applications. Available in three
tolerances, 0.5%, 1.0% and 2.0% and in three package
outlines, SOT-23, SO-8 and TO-92.
ORDERING INFORMATION
Part
Package
Tolerance
Temp. Range
CLM4041CS
SOT-23
0.5%
-40
oC to +85oC
CLM4041DS
SOT-23
1.0%
-40
oC to +85oC
CLM4041ES
SOT-23
2.0%
-40
oC to +85oC
CLM4041CY
SO-8
0.5%
-40
oC to +85oC
CLM4041DY
SO-8
1.0%
-40
oC to +85oC
CLM4041EY
SO-8
2.0%
-40
oC to +85oC
CLM4041CN
TO-92
0.5%
-40
oC to +85oC
CLM4041DN
TO-92
1.0%
-40
oC to +85oC
CLM4041EN
TO-92
2.0%
-40
oC to +85oC
CORPORATION
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
ANODE
CATHODE
1T-15
IT-12
CATHODE
NC
ANODE
SOT-23-3 LEAD
TOP VIEW
1T-13
NC
NC
NC
ANODE
1
2
3
8
7
6
45
CATHODE
NC
NC
NC
SO-8 LEAD
TOP VIEW
ANODE
CATHODE
NC
TO-92
1T-14
3
2
1
TOP VIEW
SYMBOL DIAGRAM AND PIN CONFIGURATIONS


Similar Part No. - CLM4041D

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CLM4040 CALOGIC-CLM4040 Datasheet
32Kb / 3P
Precision Micropower Bandgap Shunt Reference
CLM4040CN CALOGIC-CLM4040CN Datasheet
32Kb / 3P
Precision Micropower Bandgap Shunt Reference
CLM4040CS CALOGIC-CLM4040CS Datasheet
32Kb / 3P
Precision Micropower Bandgap Shunt Reference
CLM4040CY CALOGIC-CLM4040CY Datasheet
32Kb / 3P
Precision Micropower Bandgap Shunt Reference
CLM4040DN CALOGIC-CLM4040DN Datasheet
32Kb / 3P
Precision Micropower Bandgap Shunt Reference
More results

Similar Description - CLM4041D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
Precision Micropower Shunt Voltage Reference
logo
Calogic, LLC
CLM4040 CALOGIC-CLM4040 Datasheet
32Kb / 3P
Precision Micropower Bandgap Shunt Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
Precision Micropower Shunt Voltage Reference
logo
Analog Microelectronics
AME40 AME-AME40_1 Datasheet
181Kb / 14P
Shunt Bandgap Voltage Reference
AME41-1.2 AME-AME41-1.2 Datasheet
187Kb / 14P
Shunt Bandgap Voltage Reference
AME41-ADJ AME-AME41-ADJ_1 Datasheet
164Kb / 12P
Shunt Bandgap Voltage Reference
AME385-1.2 AME-AME385-1.2 Datasheet
183Kb / 14P
Shunt Bandgap Voltage Reference
AME385-2.5 AME-AME385-2.5_1 Datasheet
171Kb / 14P
Shunt Bandgap Voltage Reference
AME4041 AME-AME4041 Datasheet
91Kb / 9P
Shunt Bandgap Voltage Reference
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com