Electronic Components Datasheet Search
  English  ▼

X  

AUIRLR024Z Datasheet(PDF) 3 Page - International Rectifier

Part # AUIRLR024Z
Description  HEXFET짰 Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRLR024Z Datasheet(HTML) 3 Page - International Rectifier

  AUIRLR024Z Datasheet HTML 1Page - International Rectifier AUIRLR024Z Datasheet HTML 2Page - International Rectifier AUIRLR024Z Datasheet HTML 3Page - International Rectifier AUIRLR024Z Datasheet HTML 4Page - International Rectifier AUIRLR024Z Datasheet HTML 5Page - International Rectifier AUIRLR024Z Datasheet HTML 6Page - International Rectifier AUIRLR024Z Datasheet HTML 7Page - International Rectifier AUIRLR024Z Datasheet HTML 8Page - International Rectifier AUIRLR024Z Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AUIRLR/U024Z
www.irf.com
3
† Qualification standards can be found at International Rectifier’s web site: http//www.irf.com/
†† Exceptions (if any) to AEC-Q101 requirements are noted in the qualification report.
††† Highest passing voltage.
Qualification Information†
D-PAK
MSL1
I-PAK
MSL1
Qualification Level
Automotive
(per AEC-Q101)
††
Comments: This part number(s) passed Automotive qualification.
IR’s Industrial and Consumer qualification level is granted by
extension of the higher Automotive level.
Charged Device
Model
Class C5 (+/- 1125V)†††
AEC-Q101-005
Moisture Sensitivity Level
RoHS Compliant
Yes
ESD
Machine Model
Class M1B (+/- 100V)†††
AEC-Q101-002
Human Body Model
Class H0 (+/- 250V)†††
AEC-Q101-001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com