Electronic Components Datasheet Search
  English  ▼

X  

SN54LS374J Datasheet(PDF) 1 Page - Motorola, Inc

Part # SN54LS374J
Description  OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS; OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN54LS374J Datasheet(HTML) 1 Page - Motorola, Inc

  SN54LS374J Datasheet HTML 1Page - Motorola, Inc SN54LS374J Datasheet HTML 2Page - Motorola, Inc SN54LS374J Datasheet HTML 3Page - Motorola, Inc SN54LS374J Datasheet HTML 4Page - Motorola, Inc SN54LS374J Datasheet HTML 5Page - Motorola, Inc SN54LS374J Datasheet HTML 6Page - Motorola, Inc SN54LS374J Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
5-521
FAST AND LS TTL DATA
OCTAL TRANSPARENT LATCH
WITH 3-STATE OUTPUTS;
OCTAL D-TYPE FLIP-FLOP
WITH 3-STATE OUTPUT
The SN54 / 74LS373 consists of eight latches with 3-state outputs for bus
organized system applications. The flip-flops appear transparent to the data
(data changes asynchronously) when Latch Enable (LE) is HIGH. When LE is
LOW, the data that meets the setup times is latched. Data appears on the bus
when the Output Enable (OE) is LOW. When OE is HIGH the bus output is in
the high impedance state.
The SN54 / 74LS374 is a high-speed, low-power Octal D-type Flip-Flop fea-
turing separate D-type inputs for each flip-flop and 3-state outputs for bus ori-
ented applications. A buffered Clock (CP) and Output Enable (OE) is common
to all flip-flops. The SN54 / 74LS374 is manufactured using advanced Low
Power Schottky technology and is compatible with all Motorola TTL families.
• Eight Latches in a Single Package
• 3-State Outputs for Bus Interfacing
• Hysteresis on Latch Enable
• Edge-Triggered D-Type Inputs
• Buffered Positive Edge-Triggered Clock
• Hysteresis on Clock Input to Improve Noise Margin
• Input Clamp Diodes Limit High Speed Termination Effects
PIN NAMES
LOADING (Note a)
HIGH
LOW
D0 – D7
LE
CP
OE
O0 – O7
Data Inputs
Latch Enable (Active HIGH) Input
Clock (Active HIGH going edge) Input
Output Enable (Active LOW) Input
Outputs (Note b)
0.5 U.L.
0.5 U.L.
0.5 U.L.
0.5 U.L.
65 (25) U.L.
0.25 U.L.
0.25 U.L.
0.25 U.L.
0.25 U.L.
15 (7.5) U.L.
NOTES:
a) 1 TTL Units Load (U.L.) = 40
µA HIGH/1.6 mA LOW.
b) The Output LOW drive factor is 7.5 U.L. for Military (54) and 25 U.L. for Commercial
(74) Temperature Ranges. The Output HIGH drive factor is 25 U.L. for Military (54) and
65 U.L. for Commercial (74) Temperature Ranges.
CONNECTION DIAGRAM DIP (TOP VIEW)
SN54 / 74LS373
SN54 / 74LS374
18
17
16
15
14
13
1
2
3
4
5
6
7
20
19
8
VCC
OE
O7 D7 D6 O6
D5
O5
D4
O0 D0 D1 O1 O2 D2 D3
9
10
O3 GND
12
O4 LE
18
17
16
15
14
13
1
2
3
4
5
6
7
20
19
8
VCC
OE
O7 D7 D6 O6
D5
O5
D4
O0 D0 D1 O1 O2 D2 D3
9
10
O3 GND
12
11
O4 CP
NOTE:
The Flatpak version
has the same pinouts
(Connection Diagram) as
the Dual In-Line Package.
11
SN54/74LS373
SN54/74LS374
OCTAL TRANSPARENT LATCH
WITH 3-STATE OUTPUTS;
OCTAL D-TYPE FLIP-FLOP
WITH 3-STATE OUTPUT
LOW POWER SCHOTTKY
ORDERING INFORMATION
SN54LSXXXJ
Ceramic
SN74LSXXXN
Plastic
SN74LSXXXDW SOIC
20
1
J SUFFIX
CERAMIC
CASE 732-03
20
1
N SUFFIX
PLASTIC
CASE 738-03
20
1
DW SUFFIX
SOIC
CASE 751D-03


Similar Part No. - SN54LS374J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS374J TI-SN54LS374J Datasheet
331Kb / 24P
OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
SN54LS374J TI-SN54LS374J Datasheet
242Kb / 10P
OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
SN54LS374J TI-SN54LS374J Datasheet
694Kb / 28P
OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
SN54LS374J TI1-SN54LS374J Datasheet
1Mb / 30P
OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
SN54LS374J TI1-SN54LS374J Datasheet
1Mb / 32P
OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
REVISED AUGUST 2002
More results

Similar Description - SN54LS374J

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SN74LS373 ONSEMI-SN74LS373 Datasheet
98Kb / 8P
Octal Transparent Latch with 3-State Outputs Octal D-Type Flip-Flop with 3-State Output
October, 2001 ??Rev. 8
logo
Texas Instruments
74ACT11373 TI-74ACT11373 Datasheet
103Kb / 6P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH373 TI-SN74ALVCH373 Datasheet
215Kb / 12P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
DM74AS373 FAIRCHILD-DM74AS373 Datasheet
58Kb / 6P
Octal D-Type Transparent Latch with 3-STATE Outputs
DM74AS573 FAIRCHILD-DM74AS573 Datasheet
58Kb / 6P
Octal D-Type Transparent Latch with 3-STATE Outputs
logo
Texas Instruments
SN74LV373A-Q1 TI1-SN74LV373A-Q1 Datasheet
215Kb / 10P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74AC11373 TI1-74AC11373_14 Datasheet
260Kb / 11P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC573A-Q1 TI1-SN74LVC573A-Q1_15 Datasheet
1Mb / 15P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN54HC373-DIE TI1-SN54HC373-DIE Datasheet
114Kb / 5P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Diodes Incorporated
74LVC373A DIODES-74LVC373A Datasheet
473Kb / 10P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
Rev 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com