Electronic Components Datasheet Search
  English  ▼

X  

CWB201 Datasheet(PDF) 5 Page - Calogic, LLC

Part # CWB201
Description  100MHz CMOS/DMOS Wideband Quad Analog Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CWB201 Datasheet(HTML) 5 Page - Calogic, LLC

  CWB201 Datasheet HTML 1Page - Calogic, LLC CWB201 Datasheet HTML 2Page - Calogic, LLC CWB201 Datasheet HTML 3Page - Calogic, LLC CWB201 Datasheet HTML 4Page - Calogic, LLC CWB201 Datasheet HTML 5Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CWB201
CORPORATION
12
5
10
20
50
100
f - Frequency (MHz)
f - Frequency (MHz)
V-, V+ = +15V
_
80
70
60
50
40
30
20
10
0
SWITCH ON RESISTANCE
-VS-
FREQUENCY
TOTAL HARMONIC DISTORTION
-VS-
FREQUENCY
V = 0.1V
S
RMS
R = 50
L
Ω
V-, V+ = +15V
_
V-, V+ = +8V
_
Ω
L
S
RMS
R = 1K
, V = 1V
Ω
L
S
RMS
R = 50
, V = 0.3V
R = 50
, V = 1V
Ω
L
S
RMS
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
1
4
10
40
0
SWITCH ON RESISTANCE
-VS-
ANALOG VOLTAGE
200
175
150
125
100
75
50
25
0
-10
-5.0
0
+5.0
+10
V - Source Voltage (Volts)
S
Ω
R = 50
L
+15V
_
V-, V+ =
T = +25 C
A
200
175
150
125
100
75
50
25
T = +25 C
A
SWITCH ON RESISTANCE
-VS-
SUPPLY VOLTAGE
+5.0
_
+7.5
_
+10
_
+12.5
_
+15
_
Ω
R = 50
L
0
V = 0.1V
f = 1KHz
S
RMS
o
o
T = +125 C
A
o
T = +85 C
A
o
T = +125 C
A
o
T = +85 C
A
o
V - Source Voltage (Volts)
S
TYPICAL PERFORMANCE CHARACTERISTICS (TA = +25
oC unless otherwise specified)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com