Electronic Components Datasheet Search
  English  ▼

X  

CWB2214CP Datasheet(PDF) 4 Page - Calogic, LLC

Part # CWB2214CP
Description  CMOS/DMOS High Speed Analog Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CWB2214CP Datasheet(HTML) 4 Page - Calogic, LLC

  CWB2214CP Datasheet HTML 1Page - Calogic, LLC CWB2214CP Datasheet HTML 2Page - Calogic, LLC CWB2214CP Datasheet HTML 3Page - Calogic, LLC CWB2214CP Datasheet HTML 4Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CWB2214
CORPORATION
f - Frequency (MHz)
0
4
8
12
16
20
10
20
50
100
200
500
f - Frequency (MHz)
R
= 50
L
Ω
V- = -15V
V+ = +15V
R = 50
L
Ω
V- = -15V
V+ = +15V
1000
80
70
60
50
40
30
20
10
0
10
20
50
100
200
500 1000
INSERTION LOSS
-VS-
FREQUENCY
OFF ISOLATION
-VS-
FREQUENCY
SWITCH ON RESISTANCE
-VS-
ANALOG VOLTAGE
0
-10
-5.0
0
+5.0
+10
Ω
R = 50
L
+15V
_
V-, V+ =
V - Source Voltage (Volts)
S
SWITCH ON RESISTANCE
-VS-
SUPPLY VOLTAGE
+7.5
_
+10
_
+12.5
_
+15
_
Ω
R = 50
L
140
120
100
80
60
40
20
20
_
+5
140
120
100
80
60
40
0
V-, V+ - Supply Voltages (Volts)
V
= +0.3V
ANALOG
T = +25 C
A
o
T = +85 C
A
o
T = +25 C
A
o
T = +85 C
A
o
TYPICAL PERFORMANCE CHARACTERISTICS (TA = +25
oC unless otherwise specified)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com