Electronic Components Datasheet Search
  English  ▼

X  

IR3856WM Datasheet(PDF) 2 Page - International Rectifier

Part # IR3856WM
Description  HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3856WM Datasheet(HTML) 2 Page - International Rectifier

  IR3856WM Datasheet HTML 1Page - International Rectifier IR3856WM Datasheet HTML 2Page - International Rectifier IR3856WM Datasheet HTML 3Page - International Rectifier IR3856WM Datasheet HTML 4Page - International Rectifier IR3856WM Datasheet HTML 5Page - International Rectifier IR3856WM Datasheet HTML 6Page - International Rectifier IR3856WM Datasheet HTML 7Page - International Rectifier IR3856WM Datasheet HTML 8Page - International Rectifier IR3856WM Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
Rev 9.0
2
PD-97506
IR3856WMPbF
ABSOLUTE MAXIMUM RATINGS
(Voltages referenced to GND unless otherwise specified)
•
Vin ……………………………………….……………. -0.3V to 25V
•
PVcc, Vcc ……………….……..….……..……….…… -0.3V to 8V (Note2)
•
Boot
……………………………………..……….…. -0.3V to 33V
•
SW
…………………………………………..……… -0.3V to 25V(DC), -4V to 25V(AC, 100ns)
•
Boot to SW
……..…………………………….…..….. -0.3V to Vcc+0.3V (Note1)
•
OCSet
………………………………………….……. -0.3V to 30V (Max 30mA)
•
Input / output Pins ……………………………….. ... -0.3V to Vcc+0.3V (Note1)
•
PGND to GND ……………...………………………….. -0.3V to +0.3V
•
Storage Temperature Range ................................... -55°C To 150°C
•
Junction Temperature Range ................................... -40°C To 150°C (Note2)
•
ESD Classification …………………………… ……… JEDEC Class 1C
•
Moisture sensitivity level………………...………………JEDEC Level 3@260 °C (Note5)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only and functional operation of the device at these or any other
conditions beyond those indicated in the operational sections of the specifications are not implied.
Note1:
Must not exceed 8V
Note2:
Vcc must not exceed 7.5V for Junction Temperature between -10oC and -40oC
PACKAGE INFORMATION
4mm x 5mm POWER QFN
4000
17
IR3856WMTRPbF
M
750
PARTS PER
REEL
17
PIN COUNT
IR3856WMTR1PbF
PACKAGE
DESCRIPTION
M
PACKAGE
DESIGNATOR
ORDERING INFORMATION
13
VIN
12
SW
11
PGnd
17
Gnd
1
23
4
5
6
7
8
9
16
15
Fb
NC COMP Gnd Rt SS/SD OCSet
PGood
V
CC
Enable
Boot
Seq
PVcc
10
14
W
/
C
W
/
C
W
/
C
o
PCB
J
*
o
JA
*
o
JA
)
FET
_
Ctrl
(
)
FET
_
Sync
(
2
45
45
=
=
=
-
θ
θ
θ
*
Exposed pads on underside
are connected to copper
pads of 4-layer (2 oz.) PCB
board design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com