Electronic Components Datasheet Search
  English  ▼

X  

J108 Datasheet(PDF) 1 Page - Calogic, LLC

Part # J108
Description  N-Channel JFET Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

J108 Datasheet(HTML) 1 Page - Calogic, LLC

  J108 Datasheet HTML 1Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
N-Channel JFET Switch
J108 – J110 / SST108 – SST110
FEATURES
•• Low Cost
•• Automated Insertion Package
•• Low Insertion Loss
•• No OffsetorErrorVoltagesGeneratedby Closed Switch
Purely Resistive
High Isolation Resistance from Driver
•• Fast Switching
•• Low Noise
APPLICATIONS
•• Analog Switches
•• Choppers
•• Commutators
•• Low-Noise Audio Amplifiers
ABSOLUTE MAXIMUM RATINGS
(TA = 25
oC unless otherwise specified)
Gate-Drain or Gate-Source Voltage . . . . . . . . . . . . . . . . -25V
Gate Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
Storage Temperature Range . . . . . . . . . . . . . -55
oC to +150oC
Operating Temperature Range . . . . . . . . . . . -55
oC to +135oC
Lead Temperature (Soldering, 10sec) . . . . . . . . . . . . . +300
oC
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 360mW
Derate above 25
oC . . . . . . . . . . . . . . . . . . . . . . . 3.3mW/oC
NOTE: Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or
any other conditions above those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ORDERING INFORMATION
Part
Package
Temperature Range
J108-110
Plastic TO-92
-55
oC to +135oC
XJ108-110
Sorted Chips in Carriers
-55
oC to +135oC
SST109-110 Plastic SOT-23
-55
oC to +135oC
CORPORATION
PIN CONFIGURATION
TO-92
S G
D
5018
ELECTRICAL CHARACTERISTICS (TA = 25
oC unless otherwise specified)
SYMBOL
PARAMETER
108
109
110
UNITS
TEST CONDITIONS
MIN TYP MAX MIN TYP MAX MIN TYP MAX
IGSS
Gate Reverse Current (Note 1)
-3
-3
-3
nA
VDS = 0V, VGS = -15V
VGS(off)
Gate-Source Cutoff Voltage
-3
-10
-2
-6
-0.5
-4
V
VDS = 5V, ID = 1
µA
BVGSS
Gate-Source Breakdown Voltage
-25
-25
-25
VDS = 0V, IG = -1
µA
IDSS
Drain Saturation Current (Note 2)
80
40
10
mA
VDS = 15V, VGS = 0V
ID(off)
Drain Cutoff Current (Note 1)
3
3
3
nA
VDS = 5V, VGS = -10V
rDS(on)
Drain-Source ON Resistance
8
12
18
Ω
VDS
≤0.1V, VGS = 0V
Cdg(off)
Drain-Gate OFF Capacitance
15
15
15
pF
VDS = 0,
VGS = -10V
(Note 3)
f = 1MHz
Csg(off)
Source-Gate OFF Capacitance
15
15
15
Cdg(on)
+ Csg(on)
Drain-Gate Plus Source-Gate
ON Capacitance
85
85
85
VDS = VGS = 0
(Note 3)
td(on)
Turn On Delay Time
4
4
4
ns
Switching Time Test
Conditions (Note 3)
J107
J109
J110
VDD
1.5V1.5V1.5V
VGS(off) -12V
-7V
-5V
RL
150
Ω
150
Ω
150
Ω
tr
Rise Time
1
1
1
td(off)
Turn OFF Delay Time
6
6
6
tf
Fall Time
30
30
30
NOTES: 1. Approximately doubles for every 10
oC increase in TA.
2. Pulse test duration = 300
µs; duty cycle ≤3%.
3. For design reference only, not 100% tested.
PRODUCT MARKING (SOT-23)
SST108
I 08
SST109
I 09
SST110
I 10
SOT-23
G
S
D


Similar Part No. - J108

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
J108 PHILIPS-J108 Datasheet
45Kb / 7P
N-channel silicon junction FETs
1996 Jul 30
logo
Fairchild Semiconductor
J108 FAIRCHILD-J108 Datasheet
47Kb / 4P
N-Channel Switch
logo
Linear Integrated Syste...
J108 LINEAR-J108 Datasheet
300Kb / 2P
LOW NOISE SINGLE N-CHANNEL JFET SWITCH
logo
Fairchild Semiconductor
J108 FAIRCHILD-J108 Datasheet
169Kb / 7P
N-Channel Switch
logo
Vishay Siliconix
J108 VISHAY-J108 Datasheet
73Kb / 6P
N-Channel JFETs
04-Jun-01
More results

Similar Description - J108

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
2N4391 CALOGIC-2N4391 Datasheet
29Kb / 2P
N-Channel JFET Switch
2N5434 CALOGIC-2N5434 Datasheet
22Kb / 2P
N-Channel JFET Switch
J111 CALOGIC-J111 Datasheet
21Kb / 1P
N-Channel JFET Switch
logo
Linear Integrated Syste...
2N4391 LINEAR-2N4391 Datasheet
449Kb / 3P
SINGLE N-CHANNEL JFET SWITCH
logo
Intersil Corporation
U1897 INTERSIL-U1897 Datasheet
67Kb / 2P
N-Channel JFET Switch
logo
New Jersey Semi-Conduct...
2N4091 NJSEMI-2N4091 Datasheet
162Kb / 1P
N-CHANNEL JFET SWITCH
logo
Calogic, LLC
2N5432 CALOGIC-2N5432_15 Datasheet
35Kb / 2P
N-Channel JFET Switch
J108 CALOGIC-J108_15 Datasheet
29Kb / 1P
N-Channel JFET Switch
J111 CALOGIC-J111_15 Datasheet
31Kb / 1P
N-Channel JFET Switch
2N4391 CALOGIC-2N4391_15 Datasheet
35Kb / 2P
N-Channel JFET Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com