Electronic Components Datasheet Search
  English  ▼

X  

SN54LS398 Datasheet(PDF) 4 Page - Motorola, Inc

Part # SN54LS398
Description  QUAD 2-PORT REGISTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN54LS398 Datasheet(HTML) 4 Page - Motorola, Inc

  SN54LS398 Datasheet HTML 1Page - Motorola, Inc SN54LS398 Datasheet HTML 2Page - Motorola, Inc SN54LS398 Datasheet HTML 3Page - Motorola, Inc SN54LS398 Datasheet HTML 4Page - Motorola, Inc SN54LS398 Datasheet HTML 5Page - Motorola, Inc SN54LS398 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
5-560
FAST AND LS TTL DATA
SN54/74LS398
• SN54/74LS399
AC SETUP REQUIREMENTS (TA = 25°C)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tW
Clock Pulse Width
20
ns
VCC = 5.0 V
ts
Data Setup Time
25
ns
VCC = 5.0 V
ts
Select Setup Time
45
ns
VCC = 5.0 V
th
Hold Time, Any Input
0
ns
DEFINITIONS OF TERMS
SETUP TIME(ts) — is defined as the minimum time required
for the correct logic level to be present at the logic input prior to
the clock transition from LOW-to-HIGH in order to be recog-
nized and transferred to the outputs.
HOLD TIME(th) — is defined as the minimum time following
the clock transition from LOW-to-HIGH that the logic level
must be maintained at the input in order to ensure continued
recognition. A negative Hold Time indicates that the correct
logic level may be released prior to the clock transition from
LOW-to-HIGH and still be recognized.
1.3 V
1.3 V
AC WAVEFORMS
Figure 1
Figure 2
Figure 3
*The shaded areas indicate when the input is permitted to change for predictable output performance.
I0 I1 *
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
Q
Q
CP
CP
CP
Q or Q
Q = I0
Q = I1
ts(L)
th(L)
tPHL
tPLH
th(H)
ts(L)
ts(H)
th(L) = 0
th(H) = 0
tPHL
tPLH
tPLH
Q
tPHL
tW(H)
ts(H)
tW(L)
S*



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com