Electronic Components Datasheet Search
  English  ▼

X  

IRF8302MPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF8302MPBF
Description  HEXFET Power MOSFET plus Schottky Diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF8302MPBF Datasheet(HTML) 2 Page - International Rectifier

  IRF8302MPBF Datasheet HTML 1Page - International Rectifier IRF8302MPBF Datasheet HTML 2Page - International Rectifier IRF8302MPBF Datasheet HTML 3Page - International Rectifier IRF8302MPBF Datasheet HTML 4Page - International Rectifier IRF8302MPBF Datasheet HTML 5Page - International Rectifier IRF8302MPBF Datasheet HTML 6Page - International Rectifier IRF8302MPBF Datasheet HTML 7Page - International Rectifier IRF8302MPBF Datasheet HTML 8Page - International Rectifier IRF8302MPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF8302MPbF
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
February 17, 2014
2
‡ Pulse width ≤ 400µs; duty cycle ≤ 2%.
Notes:
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
4.0
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
1.4
1.8
m
Ω
–––
2.2
2.7
VGS(th)
Gate Threshold Voltage
1.35
1.8
2.35
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-4.2
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
100
µA
–––
–––
5.0
mA
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
120
–––
–––
S
Qg
Total Gate Charge
–––
35
53
Qgs1
Pre-Vth Gate-to-Source Charge
–––
11
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
5.1
–––
nC
Qgd
Gate-to-Drain Charge
–––
8.9
–––
Qgodr
Gate Charge Overdrive
–––
10
–––
See Fig. 15
Qsw
Switch Charge (Qgs2 + Qgd)
–––
14
–––
Qoss
Output Charge
–––
29
–––
nC
RG
Gate Resistance
–––
1.3
2.2
Ω
td(on)
Turn-On Delay Time
–––
22
–––
tr
Rise Time
–––
37
–––
ns
td(off)
Turn-Off Delay Time
–––
20
–––
tf
Fall Time
–––
15
–––
Ciss
Input Capacitance
–––
6030
–––
Coss
Output Capacitance
–––
1360
–––
pF
Crss
Reverse Transfer Capacitance
–––
560
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
31
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
250
(Body Diode)
Ãg
VSD
Diode Forward Voltage
–––
–––
0.80
V
trr
Reverse Recovery Time
–––
30
45
ns
Qrr
Reverse Recovery Charge
–––
40
60
nC
di/dt = 300A/µs
i
TJ = 25°C, IS = 25A, VGS = 0V i
showing the
integral reverse
p-n junction diode.
VGS = 4.5V, ID = 25A i
VDS = VGS, ID = 10mA
VDS = VGS, ID = 150µA
TJ = 25°C, IF = 25A
VGS = 4.5V
ID = 25A
VGS = 0V
VDS = 15V
ID = 25A
VDD = 15V, VGS = 4.5VÃi
Conditions
VGS = 0V, ID = 1.0mA
Reference to 25°C, ID = 10mA
VGS = 10V, ID = 31A i
VGS = 20V
VGS = -20V
VDS = 24V, VGS = 0V
VDS = 15V
VDS = 24V, VGS = 0V, TJ = 125°C
MOSFET symbol
RG = 1.8Ω
VDS = 15V, ID = 25A
Conditions
See Fig. 17
ƒ = 1.0MHz
VDS = 16V, VGS = 0V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com