Electronic Components Datasheet Search
  English  ▼

X  

AHF2805DFES Datasheet(PDF) 8 Page - International Rectifier

Part # AHF2805DFES
Description  HYBRID-HIGH RELIABILITY DC-DC CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHF2805DFES Datasheet(HTML) 8 Page - International Rectifier

Back Button AHF2805DFES Datasheet HTML 4Page - International Rectifier AHF2805DFES Datasheet HTML 5Page - International Rectifier AHF2805DFES Datasheet HTML 6Page - International Rectifier AHF2805DFES Datasheet HTML 7Page - International Rectifier AHF2805DFES Datasheet HTML 8Page - International Rectifier AHF2805DFES Datasheet HTML 9Page - International Rectifier AHF2805DFES Datasheet HTML 10Page - International Rectifier AHF2805DFES Datasheet HTML 11Page - International Rectifier AHF2805DFES Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
www.irf.com
AHF28XX Series
Specifications
Table IV. Electrical Performance Characteristics
AHF2815S
For Notes to Specifications, refer to page 9
Input voltage
-0.5V to +50V
Soldering temperature
300°C for 10 seconds
Operating case temperature
-55°C to +125°C
Storage case temperature
-65°C to +135°C
Absolute Maximum Ratings
Test
Symbol
Conditions
Group A
Device
Unit
-55°C
≤ Tc ≤ +125°C
Subgroups
Types
Vin = 28Vdc ±5%, CL = 0
Unless otherwise specified
Min
Max
1
14.85
15.15
2,3
14.70
15.30
Output current
1
IOUT
VIN = 16, 28, and 40Vdc
1,2,3
All
800
mA
VIN = 16, 28, and 40Vdc,
B.W. = 20 Hz to 2MHz
VIN = 16, 28, and 40Vdc,
Line regulation
VRLINE Iout = 0%, 50% and 100%
All
mV
rated load
2,3
±75
VIN = 16, 28, and 40Vdc,
Load regulation
VRLOAD IOUT = 0%, 50% and 100%
1,2,3
All
±150
mV
rated load
IOUT = 0, inhibit (pin 1)
tied to input return (pin 7)
IOUT = 0,
inhibit (pin 1) = open
IOUT = 100% rated load
B.W. = 20 Hz to 2.0MHz
180
2,3
77
Input to output or any pin
Isolation
ISO
to case (except pin 6)
1
All
100
M
Ω
at 500Vdc, Tc = +25°C
No effect on dc performance,
Tc = +25°C
Power dissipation
Overload
5
1All
6.0
load fault
Short circuit
1,2,3
All
2.0
01, 04
250
300
Switching frequency
FS
IOUT = 100% rated load
4,5,6
02, 05
250
270
KHz
03, 06
275
300
Limits
20
50
±35
IIN
1,2,3
1,2,3
1
Output voltage
VOUT
IOUT = 0
Output ripple voltage
2
VRIP
Input current
All
18
All
Capacitive load
3, 4
CL
4
All
V
All
50
mV p-p
mA
mA p-p
Efficiency
EFF
IOUT = 100% rated load
All
%
Input ripple current
2
IRIP
1,2,3
All
200
µF
PD
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com