Electronic Components Datasheet Search
  English  ▼

X  

AHF2803R3DFES Datasheet(PDF) 5 Page - International Rectifier

Part # AHF2803R3DFES
Description  HYBRID-HIGH RELIABILITY DC-DC CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHF2803R3DFES Datasheet(HTML) 5 Page - International Rectifier

  AHF2803R3DFES Datasheet HTML 1Page - International Rectifier AHF2803R3DFES Datasheet HTML 2Page - International Rectifier AHF2803R3DFES Datasheet HTML 3Page - International Rectifier AHF2803R3DFES Datasheet HTML 4Page - International Rectifier AHF2803R3DFES Datasheet HTML 5Page - International Rectifier AHF2803R3DFES Datasheet HTML 6Page - International Rectifier AHF2803R3DFES Datasheet HTML 7Page - International Rectifier AHF2803R3DFES Datasheet HTML 8Page - International Rectifier AHF2803R3DFES Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
www.irf.com
5
AHF28XX Series
Table II. Electrical Performance Characteristics - continued
Notes to Specifications
AHF2805S
1. Parameter guaranteed by line and load regulation tests.
2. Bandwidth guaranteed by design. Tested for 20KHz to 2.0MHz.
3. Capacitive load may be any value from 0 to the maximum limit without compromising dc performance.
A capacitive in excess of the maximum limit will not disturb loop stability but may interfere with the
operation of the load fault detection circuitry, appearing as a short circuit during turn-on.
4. Parameter shall be tested as part of design characterization and after design or process changes.
Thereafter, parameters shall be guaranteed to the limits specified in Table I.
5. An overload is that condition with a load in excess of the rated load but less than that necessary to
trigger the short circuit protection and is the condition of maximum power dissipation.
6. Load step transition time between 2.0
µs and 10µs.
7. Recovery time is measured from the initiation of the transient to where V
OUT has returned to within ±1.0
percent of V
OUT at 50 percent load.
8. Input step transition time between 2.0
µs and 10µs.
9. Turn-on delay time measurement is for either a step application of power at the input or the removal of
ground signal from the inhibit pin (pin 1) while power is applied to the input is unlimited.
Test
Symbol
Conditions
Group A
Device
Unit
-55°C
≤ Tc ≤ +125°C
Subgroups
Types
Vin = 28Vdc ±5%, CL = 0
Unless otherwise specified
Min
Max
50% to/from 100%
rated load
0% to/from 50%
rated load
50% to/from 100% rated load
4,5,6
70
µs
0% to/from 50% rated load
4,5,6
1200
µs
50% to/from 0% rated load
4,5,6
8.0
ms
Input step 16V to/from
40Vdc, IOUT = 100%
4,5,6
500
mVpk
rated load
4, 8
Input step 16V to/from
40Vdc, IOUT = 100%
4,5,6
800
µs
rated load
4, 7, 8
Turn on overshoot
VTonOS IOUT = o and 100% rated load
4,5,6
01
600
mVpk
Turn on delay
TonD
IOUT = o and 100% rated load
9
4,5,6
01
20
ms
Load fault
recovery
4, 9
Weight
38
g
ms
TrLF
4,5,6
01
20
Limits
Recovery time
transient step line
changes
TTLINE
01
4,5,6
4,5,6
01
-300
+300
-500
+500
mVpk
Output response to
step transient load
changes
6
VOTLOAD
Recovery time step
transient load
changes
6, 7
TTLOAD
01
Output response to
transient step line
changes
VOTLINE
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com